Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT3807D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT3807D
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT3807D Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT3807D_09 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT3807D_09 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT3807D_09 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT3807D_09 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT3807D_09 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT3807D_09 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
IDT74FCT3807D/E
3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified
Industrial: TA = -40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
2
5.5
V
VIL
Input LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI = 5.5V
±1µA
IIL
InputLOWCurrent
VCC = Max.
VI = GND
±1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3,4)
–45
–75
–180
mA
IODL
OutputLOWCurrent
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3,4)
50
92
200
mA
IOS
ShortCircuitCurrent
VCC = Max., VO = GND(3,4)
–60
–135
–240
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –12mA
2.4(5)
3—
V
VIN = VIH or VIL
IOH = –100
µAVCC- 0.2
VOL
OutputLOWVoltage
VCC = Min.
IOL = 12mA
0.3
0.5
V
VIN = VIH or VIL
IOL = 100
µA
0.2
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3, 25°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VOH = VCC - 0.6V at rated current.


Similar Part No. - IDT74FCT3807D_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT3807DPGGI RENESAS-IDT74FCT3807DPGGI Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
IDT74FCT3807DPGI RENESAS-IDT74FCT3807DPGI Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Integrated Device Techn...
IDT74FCT3807DPYGI IDT-IDT74FCT3807DPYGI Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807DPYGI RENESAS-IDT74FCT3807DPYGI Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Integrated Device Techn...
IDT74FCT3807DPYI IDT-IDT74FCT3807DPYI Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT3807D_09

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807_14 Datasheet
109Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807D RENESAS-IDT74FCT3807D Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com