Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843001CGI-23 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 843001CGI-23
Description  FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843001CGI-23 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 843001CGI-23 Datasheet HTML 4Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 5Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 6Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 7Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 8Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 9Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 10Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 11Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ICS843001CGI-23 REVISION A OCTOBER 4, 2011
8
©2011 Integrated Device Technology, Inc.
ICS843001I-23 Data Sheet
FEMTOCLOCK® CRYSTAL/LVCMOS-TO-LVPECL/LVCMOS FREQUENCY SYNTHESIZER
Table 6B. AC Characteristics, VCC = 3.3V ± 5%, VCCO_LVCMOS = VCCO_LVPECL = 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the VCC/2 of the input to VCCO_LVCMOS/2 of the output.
NOTE 2: Phase jitter measured using a 19.44MHz quartz crystal.
NOTE 3: REF_OUT output duty cycle characterized with CLK input duty cycle between 48% and 52%.
Table 6C. AC Characteristics, VCC = VCCO_LVCMOS = VCCO_LVPECL = 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the VCC/2 of the input to VCCO_LVCMOS/2 of the output.
NOTE 2: Phase jitter measured using a 19.44MHz quartz crystal.
NOTE 3: REF_OUT output duty cycle characterized with CLK input duty cycle between 48% and 52%.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
Q, nQ
70
637.5
MHz
REF_OUT
19.44
27
MHz
tPD
Propagation Delay;
NOTE 1
CLK to
REF_OUT
2.3
2.9
ns
tjit(Ø)
RMS Phase Jitter, (Random);
NOTE 2
622.08MHz,
(12kHz – 20MHz)
1ps
fVCO
PLL VCO Lock Range
1.12
1.275
GHz
tR / tF
Output
Rise/Fall Time
Q, nQ
20% to 80%
200
700
ps
REF_OUT
20% to 80%
350
750
ps
odc
Output Duty Cycle
Q, nQ
46
54
%
REF_OUT;
NOTE 3
Using Clock Input
48
52
%
tLOCK
PLL Lock Time
60
ms
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
Q, nQ
70
637.5
MHz
REF_OUT
19.44
27
MHz
tPD
Propagation Delay;
NOTE 1
CLK to
REF_OUT
2.3
2.9
ns
tjit(Ø)
RMS Phase Jitter, (Random);
NOTE 2
622.08MHz,
(12kHz – 20MHz)
1.1
ps
fVCO
PLL VCO Lock Range
1.12
1.275
GHz
tR / tF
Output
Rise/Fall Time
Q, nQ
20% to 80%
200
700
ps
REF_OUT
20% to 80%
350
750
ps
odc
Output Duty Cycle
Q, nQ
46
54
%
REF_OUT;
NOTE 3
Using Clock Input
48
52
%
tLOCK
PLL Lock Time
60
ms


Similar Part No. - 843001CGI-23

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843001CGILF RENESAS-843001CGILF Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
843001CGILFT RENESAS-843001CGILFT Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
More results

Similar Description - 843001CGI-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843001I-23 ICST-ICS843001I-23 Datasheet
192Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843004I-04 IDT-843004I-04 Datasheet
239Kb / 16P
   FemtoClock Crystal/LVCMOS-to- 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
   FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
   FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com