Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU6199R Datasheet(PDF) 9 Page - Ruichips Semiconductor Co., Ltd

Part # RU6199R
Description  N-Channel Advanced Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU6199R Datasheet(HTML) 9 Page - Ruichips Semiconductor Co., Ltd

Back Button RU6199R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 9Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 10Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 11Page - Ruichips Semiconductor Co., Ltd RU6199R Datasheet HTML 12Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Copyright
© Ruichips Semiconductor Co., Ltd
Rev.A – JAN., 2010
9
www.ruichips.com
RU6199
TO-263-2L
ALL DIMENSIONS REFER TO JEDEC STANDARD
DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS
MM
INCH
MM
INCH
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.57
4.70
0.173
0.180
0.185
L
2.00
2.30
2.60
0.079
0.090
0.102
A1
0
0.10
0.25
0
0.004
0.010
L3
1.17
1.27
1.40
0.046
0.050
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
-
-
1.70
-
-
0.067
b
0.77
-
0.90
0.030
-
0.035
L4
0.25BSC
0.01BSC
b1
1.23
-
1.36
0.048
-
0.052
L2
2.50REF.
0.098REF.
c
0.34
-
0.47
0.013
-
0.019
θ
-
-
C1
1.22
-
1.32
0.048
-
0.052
θ1
D
8.60
8.70
8.80
0.338
0.343
0.346
θ2
E
10.00
10.16
10.26
0.394
0.4
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
2.54BSC
0.1BSC
Øp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.50
0.579
0.594
0.610


Similar Part No. - RU6199R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RU6199R VBSEMI-RU6199R Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - RU6199R

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
   N-Channel Advanced Power MOSFET
RU1Z120R RUICHIPS-RU1Z120R Datasheet
453Kb / 8P
   N-Channel Advanced Power MOSFET
RU6H2L RUICHIPS-RU6H2L Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU40120M RUICHIPS-RU40120M Datasheet
309Kb / 8P
   N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
   N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
   N-Channel Advanced Power MOSFET
RU6H10R RUICHIPS-RU6H10R Datasheet
450Kb / 11P
   N-Channel Advanced Power MOSFET
RU30D8H RUICHIPS-RU30D8H Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
RU40E25L RUICHIPS-RU40E25L Datasheet
281Kb / 9P
   N-Channel Advanced Power MOSFET
RU4099R RUICHIPS-RU4099R Datasheet
466Kb / 12P
   N-Channel Advanced Power MOSFET
RU6050R RUICHIPS-RU6050R Datasheet
292Kb / 9P
   N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com