Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR93A Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFR93A
Description  NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR93A Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFR93A Datasheet HTML 1Page - Siemens Semiconductor Group BFR93A Datasheet HTML 2Page - Siemens Semiconductor Group BFR93A Datasheet HTML 3Page - Siemens Semiconductor Group BFR93A Datasheet HTML 4Page - Siemens Semiconductor Group BFR93A Datasheet HTML 5Page - Siemens Semiconductor Group BFR93A Datasheet HTML 6Page - Siemens Semiconductor Group BFR93A Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-12-1996
BFR 93A
NPN Silicon RF Transistor
• For low noise, high-gain broadband amplifiers at
collector current from 2mA to 30mA
• CECC.type available: CECC 50 002/256
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFR 93A
R2s
Q62702-F1086
1 = B
2 = E
3 = C
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
50
mA
Base current
IB
6
Total power dissipation
TS ≤ 63 °C
Ptot
300
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 290
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
   NPN 6 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
   NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
logo
Inchange Semiconductor ...
BFR93A ISC-BFR93A Datasheet
199Kb / 7P
   isc Silicon NPN RF Transistor
More results

Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFR183W SIEMENS-BFR183W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFS483 SIEMENS-BFS483 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP181W SIEMENS-BFP181W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP182 SIEMENS-BFP182 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com