Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83058AGILFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS83058AGILFT
Description  8:1, SINGLE-ENDED MULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83058AGILFT Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS83058AGILFT Datasheet HTML 1Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 2Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 3Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 4Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 5Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 6Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 7Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 8Page - Integrated Device Technology ICS83058AGILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT/ ICS8:1, SINGLE-ENDED MULTIPLEXER
4
ICS83058AGI REV. C MARCH 10, 2008
ICS83058I
8:1, SINGLE-ENDED MULTIPLEXER
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V ± 5%, T
A
= -40°C TO 85°C
TABLE 4F. LVCMOS/LVTTL DC CHARACTERISTICS, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
5
2z
H
M
p
t
H
L
1
E
T
O
N
;
h
g
i
H
o
t
w
o
L
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
8
.
14
.
20
.
3s
n
p
t
L
H
1
E
T
O
N
;
w
o
L
o
t
h
g
i
H
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
5
.
27
.
29
.
2s
n
t
)
i
(
k
s2
E
T
O
N
;
w
e
k
S
t
u
p
n
I
5
55
2
2s
p
t t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
;
n
o
i
t
c
e
S
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
3
E
T
O
N
,
z
H
M
2
5
.
5
5
1
)
z
H
M
0
2
o
t
z
H
k
2
1
(
9
1
.
0s
p
t
)
p
p
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
5
7
4s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
50
0
5s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
5
45
5%
X
U
M
L
O
S
I
n
o
i
t
a
l
o
s
I
X
U
Mz
H
M
0
0
1
@5
4B
d
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N
.
k
c
o
l
c
t
u
p
n
i
e
n
o
y
l
n
o
g
n
i
v
i
r
D
:
3
E
T
O
N
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
s
i
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
O
D
D
.
2
/
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
D
D
%
5
±
V
3
.
3
=2
V
D
D
3
.
0
+V
V
D
D
%
5
±
V
5
.
2
=7
.
1V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
D
D
%
5
±
V
3
.
3
=3
.
0
-8
.
0V
V
D
D
%
5
±
V
5
.
2
=3
.
0
-7
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
5
K
L
C
:
0
K
L
C
2
L
E
S
:
0
L
E
S
V
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=0
5
1A
µ
E
OV
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
5
K
L
C
:
0
K
L
C
2
L
E
S
:
0
L
E
S
V
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=5
-A
µ
E
OV
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=0
5
1
-A
µ
V
H
O
h
g
i
H
t
u
p
t
u
Oe
g
a
t
l
o
V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
3
.
3
=6
.
2V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
5
.
2
=8
.
1V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
8
.
1
=V
D
D
3
.
0
-V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
O
D
D
1
E
T
O
N
;
%
5
±
V
3
.
3
=5
.
0V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
5
.
2
=5
4
.
0V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
8
.
1
=5
3
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
.
s
m
a
r
g
a
i
d
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
"
,
n
o
i
t
c
e
s
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/


Similar Part No. - ICS83058AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83058AGILFT ICST-ICS83058AGILFT Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
More results

Similar Description - ICS83058AGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
ICS83058I ICST-ICS83058I Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
83058 IDT-83058_15 Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com