Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR280 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BFR280
Description  NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFR280 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-11-1996
BFR 280
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
2
4
6
8
V
11
V
R
0.00
0.05
0.10
0.15
0.20
0.25
0.30
pF
0.40
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
2
4
6
8
mA
11
I
C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
GHz
9.5
f
T
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
2
4
6
8
mA
11
I
C
8
10
12
14
16
dB
20
G
10V
3V
3V
2V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
2
4
6
8
mA
11
I
C
5
6
7
8
9
10
11
dB
13
G
10V
5V
3V
2V
1V
0.7V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFS480NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR180NPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR180WNPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP180NPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP180WNPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP420NPN Silicon RF Transistor For high gain low noise amplifiers For oscillators up to 10 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn