Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR280 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BFR280
Description  NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFR280 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Dec-11-1996
BFR 280
Total power dissipation
Ptot = f (TA*, TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A
,T
S
0
10
20
30
40
50
60
70
80
mW
100
P
tot
T
S
T
A
Permissible Pulse Load
RthJS = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax/PtotDC = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
-
P
totmax/PtotDC
D = 0
0.005
0.1
0.2
0.05
0.1
0.2
0.5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFS480NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR180NPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR180WNPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP180NPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP180WNPN Silicon RF Transistor For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP420NPN Silicon RF Transistor For high gain low noise amplifiers For oscillators up to 10 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn