Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD1304 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # KTD1304
Description  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

KTD1304 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  KTD1304 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. KTD1304 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
·High emitter-base voltage
·low on resistance
MARKING: MAX
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current -Continuous
0.3
A
PC
Collector Power Dissipation
0.2
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
25
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
12
V
Collector cut-off current
ICBO
VCB=25 V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=12V, IC=0
0.1
μA
hFE(FOR)
VCE=2V, IC=4 mA
200
1000
DC current gain
hFE(REV)
VCE= 2V, IC= 4mA
20
Collector-emitter saturation voltage
VCE(sat)
IC= 100mA, IB=10 mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC= 100mA, IB=10mA
1
V
Transition frequency
fT
VCE=10V, IC= 1mA
f=100MHz
60
MHz
output capacitance
Cob
VCB=10V,IE=0,f=1MHz
10
pF
On resistance
R(on)
Vin=0.3V,IB=1mA,f=1KHZ
0.6
Ω
SOT-23
1. BASE
2. EMITTER
3.COLLECTOR
KTD1304
TRANSISTOR (NPN)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - KTD1304

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1304 KEC-KTD1304 Datasheet
208Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
logo
Galaxy Semi-Conductor H...
KTD1304 BILIN-KTD1304 Datasheet
175Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTD1304 WEITRON-KTD1304 Datasheet
398Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
KTD1304 SECOS-KTD1304 Datasheet
250Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
MAKO SEMICONDUCTOR CO.,...
KTD1304 MAKOSEMI-KTD1304 Datasheet
94Kb / 2P
   High emitter-base voltage
More results

Similar Description - KTD1304

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com