Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92HD66C Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 92HD66C
Description  SIX CHANNEL HD AUDIO CODECS
Download  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD66C Datasheet(HTML) 1 Page - Integrated Device Technology

  92HD66C Datasheet HTML 1Page - Integrated Device Technology 92HD66C Datasheet HTML 2Page - Integrated Device Technology 92HD66C Datasheet HTML 3Page - Integrated Device Technology 92HD66C Datasheet HTML 4Page - Integrated Device Technology 92HD66C Datasheet HTML 5Page - Integrated Device Technology 92HD66C Datasheet HTML 6Page - Integrated Device Technology 92HD66C Datasheet HTML 7Page - Integrated Device Technology 92HD66C Datasheet HTML 8Page - Integrated Device Technology 92HD66C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 291 page
background image
DATASHEET
SIX CHANNEL HD AUDIO CODECS
DUAL CAPLESS HEADPHONE AMPLIFIERS
92HD66C
1
V 1.0 2/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
92HD66C
DESCRIPTION
The 92HD66C is a low power optimized, high fidelity,
6-channel audio codec compatible with Intel’s High Defini-
tion (HD) Audio Interface.
The 92HD66C provides high quality, HD Audio capability to
notebook and desktop PC applications.
FEATURES
6 Channels (2 stereo ADCs) with 24-bit resolution
Full HDA015-B and EuP low power support
Audio inactivity transitions codec from D0 to D3 low
power mode
Resume from D3 to D0 with audio activity in < 10 msec
D3 to D0 transition with < -65dB pop/click
Port presence detect in D3 with or without bit clock
PC beep wake up in D3
Additional vendor specific modes for even lower power
Microsoft WLP premium logo compliant
4 or 5 analog ports with port presence detect*
3 integrated headphone amplifiers
2 Capless headphone amplifiers
3 or 4 ports support adjustable microphone bias*
Dual SPDIF outputs for WLP compliant support of
simultaneous HDMI and SPDIF output
SPDIF Input
Two digital microphone inputs (mono, stereo or
quad)
High performance analog mixer
Support for 1.5V and 3.3V HDA signaling
Integrated AVDD LDO for improved PSRR
+5 V or +3.3V analog power supply
Digital and Analog PC Beep to all outputs
48-pin or 40-pin QFN RoHS packages
SOFTWARE SUPPORT
Intuitive IDT HD Sound graphical user interface
that allows configurability and preference settings
12 band fully parametric equalizer
Constant, system-level effects tuned to optimize a
particular platform can be combined with user-mode
“presets” tailored for specific acoustical environments
and applications
System-level effects automatically disabled when
external audio connections made
Dynamics Processing
Enables improved voice articulation
Compressor/limiter allows higher average volume level
without resonances or damage to speakers.
IDT Vista APO wrapper
Enables multiple APOs to be used with the IDT Driver
Microphone Beam Forming, Acoustic Echo
Cancellation, and Noise Suppression
Dynamic Stream Switching
Improved multi-streaming user experience with less
support calls
•Broad 3rd party branded software including
Creative, Dolby, DTS, and SRS
DEVICE OPTIONS
6 Channel, 48-pin QFN package
6 Channel, 40-pin QFN package
*40-pin package removes
Port E and related VREF_Out
Mono Out
•GPIO 4


Similar Part No. - 92HD66C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
More results

Similar Description - 92HD66C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD65C IDT-92HD65C Datasheet
3Mb / 268P
   SIX CHANNEL HD AUDIO CODECS
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
logo
Silan Microelectronics ...
SD7401 SILAN-SD7401 Datasheet
491Kb / 7P
   SIX-CHANNEL AUDIO AMPLIFIER
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
   4-Channel 720H Video Decoders and Audio Codecs
logo
SONiX Technology Compan...
SN11116 SONIX-SN11116 Datasheet
185Kb / 12P
   USB Six Channel Audio Controller
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
logo
Texas Instruments
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036B TI-TAS5036B Datasheet
772Kb / 56P
[Old version datasheet]   Six Channel Digital Audio PWM Precessor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com