Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3000 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # R3000
Description  High Voltage Rectifier Reverse Voltage 3000V Forward Current 0.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

R3000 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  R3000 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd R3000 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R3000
3000
3000
2100
65
30
20
0.5
3.0
R3000
5.0
15
R3000
反向电压
3000V
正向电流
0.5 A
SIYU R
V
μA
pF
IR
Cj
最大正向电压
IF = 0.5A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55 --- +150
V
V
V
A
A
μA
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
IR(AV)
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
最大反向峰值电流
Maximum
peak reverse current full cycle
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 3000V
Forward Current 0.5A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
@TA = 75℃
RθJA
TA= 100℃
100
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)
DIA
DIA
.034(0.9)
.028(0.7)
DO-41
Unit:inch(mm)
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
高压整流二极管
High Voltage Rectifier


Similar Part No. - R3000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R3000 RECTRON-R3000 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Leshan Radio Company
R3000 LRC-R3000 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers Low leakage
logo
Galaxy Semi-Conductor H...
R3000 BILIN-R3000 Datasheet
275Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Dc Components
R3000 DCCOM-R3000 Datasheet
330Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
R3000 WINNERJOIN-R3000 Datasheet
152Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - R3000

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBR0530 AITSEMI-MBR0530 Datasheet
475Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.5A
REV1.0
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
logo
GOOD-ARK Electronics
SGPD520S GOOD-ARK-SGPD520S_15 Datasheet
240Kb / 5P
   Surface Mount Schottky Rectifier Reverse Voltage 20~60V Forward Current 0.5A
logo
Leshan Radio Company
LMBR0520LFT1G LRC-LMBR0520LFT1G Datasheet
220Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 Forward Current 0.5A
logo
Rugao Dachang Electroni...
TVR1B DACHANG-TVR1B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
ERB4302 DACHANG-ERB4302 Datasheet
119Kb / 2P
   Plastic fast Recover Rectifier Reverse Voltage 200 to 800V Forward Current 0.5A
S5295B DACHANG-S5295B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
logo
Gaomi Xinghe Electronic...
DB157 GXELECTRONICS-DB157 Datasheet
312Kb / 2P
   REVERSE VOLTAGE FORWARD CURRENT
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
R2000 DACHANG-R2000 Datasheet
116Kb / 2P
   High Voltage Rectifier Reverse Voltage 2000V Forward Current 0.5 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com