Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE9.1A Datasheet(PDF) 3 Page - Rugao Dachang Electronics Co., Ltd

Part # P4KE9.1A
Description  Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

P4KE9.1A Datasheet(HTML) 3 Page - Rugao Dachang Electronics Co., Ltd

  P4KE9.1A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd P4KE9.1A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd P4KE9.1A Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd P4KE9.1A Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIYU R
P4KE6.8 ...... P4KE440A
1.0
3.5
1.0
2.8
1.0
2.1
90.2
1.0
86.1
1.0
100
1.0
95.5
1.0
110
1.0
105
1.0
121
1.0
116
1.0
132
1.0
126
1.0
143
1.0
137
1.0
2.6
P4KE 82
P4KE 82A
P4KE 91
P4KE 91A
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3.4
3.1
3.2
2.9
2.5
2.3
2.4
2.2
1.0
94.0
97.2
85.5
89.2
77.8
81.0
70.1
73.7
111
102
105
66.4
型号
Type
最大值
Max
IT (mA)
最小值
Nin.
73.8
77.9
81.9
86.5
90.0
95.0
99.0
105
108
114
117
124
118
113
144
187
152
131
125
137
158
173
165
179
0.107
0.107
0.106
0.107
0.106
0.106
0.105
0.106
0.107
0.107
0.107
0.105
转折电压
Breakdown Voltage
V(BR) (V)
测试电流
Test Current
反向峰值电压
Peak Reverse
Voltage
VWM (V)
最大反向
漏电流
Maximum
Reverse Leakage
最大峰值
脉冲电流
Maximum Peak
Pulse Current
最大钳位电压
Maximum
Clamping Voltage
ID (μA)
IPPM (A)
VC (V)
% / ℃
P4KE 100
P4KE 100A
P4KE 110
P4KE 110A
P4KE 120
P4KE 120A
P4KE 130
P4KE 130A
最大温度系数
Maximum
Temperature
Coefficient
P4KE 150
P4KE 150A
P4KE 160
P4KE 160A
P4KE 170
P4KE 170A
P4KE 180
P4KE 180A
P4KE 200
P4KE 200A
P4KE 220
P4KE 220A
P4KE 250
P4KE 250A
P4KE 300
P4KE 300A
P4KE 350
P4KE 350A
P4KE 400
P4KE 400A
P4KE 440
P4KE 440A
1.0
1.9
1.0
1.8
1.0
1.5
165
1.0
158
1.0
176
1.0
168
1.0
187
1.0
179
1.0
198
1.0
189
1.0
220
1.0
210
1.0
242
1.0
1.6
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.9
1.7
1.6
1.7
1.6
1.4
1.2
1.0
146
154
138
145
130
136
121
128
175
162
171
135
143
144
152
153
162
162
171
180
190
198
215
219
274
258
207
230
244
234
246
287
344
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
1.0
1.2
1.0
0.93
1.0
0.63
231
1.0
275
1.0
263
1.0
330
1.0
315
1.0
385
1.0
368
1.0
440
1.0
420
1.0
484
1.0
462
1.0
0.83
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.1
1.2
1.0
0.79
0.70
0.73
0.66
1.0
300
324
256
284
214
243
185
202
376
342
356
209
225
237
270
285
315
333
360
380
396
418
328
430
631
482
360
344
414
504
574
548
602
0.110
0.110
0.110
0.110
0.110
0.110
0.108
0.110
0.110
0.110
0.110
大昌电子
DACHANG ELECTRONICS


Similar Part No. - P4KE9.1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE9.1A PANJIT-P4KE9.1A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE9.1A YFWDIODE-P4KE9.1A Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
Taiwan Semiconductor Co...
P4KE9.1A TSC-P4KE9.1A Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Comchip Technology
P4KE9.1A COMCHIP-P4KE9.1A Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P4KE9.1A NJSEMI-P4KE9.1A Datasheet
212Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE9.1A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com