Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR181W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BFR181W
Description  NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR181W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFR181W Datasheet HTML 1Page - Siemens Semiconductor Group BFR181W Datasheet HTML 2Page - Siemens Semiconductor Group BFR181W Datasheet HTML 3Page - Siemens Semiconductor Group BFR181W Datasheet HTML 4Page - Siemens Semiconductor Group BFR181W Datasheet HTML 5Page - Siemens Semiconductor Group BFR181W Datasheet HTML 6Page - Siemens Semiconductor Group BFR181W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-11-1996
BFR 181W
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
0.0010519 fA
VAF =
22.403
V
NE =
1.7631
-
VAR =
5.1127
V
NC =
1.6528
-
RBM =
6.6315
CJE =
1.8168
fF
TF =
17.028
ps
ITF =
1.0549
mA
VJC =
1.1633
V
TR =
2.7449
ns
MJS =
0-
XTI =
3-
BF =
96.461
-
IKF =
0.12146
A
BR =
16.504
-
IKR =
0.24951
A
RB =
9.9037
RE =
2.1372
VJE =
0.73155
V
XTF =
0.33814
-
PTF =
0
deg
MJC =
0.30013
-
CJS =
0
fF
XTB =
0
-
FC =
0.99768
-
NF =
0.90617
-
ISE =
12.603
fA
NR =
0.87757
-
ISC =
0.01195
fA
IRB =
0.69278
mA
RC =
2.2171
MJE =
0.43619
-
VTF =
0.12571
V
CJC =
319.69
fF
XCJC =
0.082903
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.57
nH
LBO =
0.4
nH
LEI =
0.43
nH
LEO =
0.5
nH
LCI =
0nH
LCO =
CBE =
61
fF
CCB =
101
fF
CCE =
175
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 28 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn