Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR181W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BFR181W
Description  NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR181W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFR181W Datasheet HTML 1Page - Siemens Semiconductor Group BFR181W Datasheet HTML 2Page - Siemens Semiconductor Group BFR181W Datasheet HTML 3Page - Siemens Semiconductor Group BFR181W Datasheet HTML 4Page - Siemens Semiconductor Group BFR181W Datasheet HTML 5Page - Siemens Semiconductor Group BFR181W Datasheet HTML 6Page - Siemens Semiconductor Group BFR181W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Dec-11-1996
BFR 181W
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 8 V, f = 500 MHz
fT
6
8
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.32
0.5
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.22
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.3
-
Noise figure
IC = 2 mA, VCE = 8 V, ZS = ZSopt
f = 900 MHz
f = 1.8 GHz
F
-
-
1.8
1.45
-
-
dB
Power gain
1)
IC = 5 mA, VCE = 8 V, f = 900 MHz
ZS = ZSopt, ZL = ZLopt
Gms
-
18.5
-
Power gain
2)
IC = 5 mA, VCE = 8 V, f = 1.8 GHz
ZS = ZSopt, ZL = ZLopt
Gma
-
13
-
Transducer gain
IC = 5 mA, VCE = 8 V, ZS =ZL= 50 Ω
f = 900 MHz
f = 1.8 GHz
|
S21e|2
-
-
9.5
15
-
-
1)
Gms = |S21/S12|
2)
Gma = |S21/S12| (k-(k2-1)1/2)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 28 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn