Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR181W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BFR181W
Description  NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFR181W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-11-1996
BFR 181W
NPN Silicon RF Transistor
• For low noise, high-gain broadband amplifiers at
collector currents from 0.5 mA to 12mA
fT = 8GHz
F = 1.45dB at 900MHz
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFR 181W
RFs
Q62702-F1491
1 = B
2 = E
3 = C
SOT-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
20
mA
Base current
IB
2
Total power dissipation
TS ≤ 90 °C
Ptot
175
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 345
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 28 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn