Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR181 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFR181
Description  NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR181 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFR181 Datasheet HTML 1Page - Siemens Semiconductor Group BFR181 Datasheet HTML 2Page - Siemens Semiconductor Group BFR181 Datasheet HTML 3Page - Siemens Semiconductor Group BFR181 Datasheet HTML 4Page - Siemens Semiconductor Group BFR181 Datasheet HTML 5Page - Siemens Semiconductor Group BFR181 Datasheet HTML 6Page - Siemens Semiconductor Group BFR181 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-11-1996
BFR 181
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
0.0010519 fA
VAF =
22.403
V
NE =
1.7631
-
VAR =
5.1127
V
NC =
1.6528
-
RBM =
6.6315
CJE =
1.8168
fF
TF =
17.028
ps
ITF =
1.0549
mA
VJC =
1.1633
V
TR =
2.7449
ns
MJS =
0-
XTI =
3-
BF =
96.461
-
IKF =
0.12146
A
BR =
16.504
-
IKR =
0.24951
A
RB =
9.9037
RE =
2.1372
VJE =
0.73155
V
XTF =
0.33814
-
PTF =
0
deg
MJC =
0.30013
-
CJS =
0
fF
XTB =
0
-
FC =
0.99768
-
NF =
0.90617
-
ISE =
12.603
fA
NR =
0.87757
-
ISC =
0.01195
fA
IRB =
0.69278
mA
RC =
2.2171
MJE =
0.43619
-
VTF =
0.12571
V
CJC =
319.69
fF
XCJC =
0.082903
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.85
nH
LBO =
0.51
nH
LEI =
0.69
nH
LEO =
0.61
nH
LCI =
0nH
LCO =
0.49
nH
CBE =
73
fF
CCB =
84
fF
CCE =
165
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm


Similar Part No. - BFR181

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR181 INFINEON-BFR181 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
Jul-30-2001
BFR181 INFINEON-BFR181 Datasheet
133Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
BFR181 INFINEON-BFR181 Datasheet
619Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
Vishay Siliconix
BFR181T VISHAY-BFR181T Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 20-Jan-99
logo
Infineon Technologies A...
BFR181T INFINEON-BFR181T Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results

Similar Description - BFR181

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFP181W SIEMENS-BFP181W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFS481 SIEMENS-BFS481 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com