Electronic Components Datasheet Search |
|
23S08E-5HPGG Datasheet(PDF) 1 Page - Integrated Device Technology |
|
23S08E-5HPGG Datasheet(HTML) 1 Page - Integrated Device Technology |
1 / 11 page 1 COMMERCIALANDINDUSTRIALTEMPERATURERANGES IDT23S08E 3.3V ZERO DELAY CLOCK MULTIPLIER MAY 2010 2006 Integrated Device Technology, Inc. DSC 6499/7 c COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES The IDT logo is a registered trademark of Integrated Device Technology, Inc. FEATURES: • Phase-Lock Loop Clock Distribution for Applications ranging from 10MHz to 200MHz operating frequency • Distributes one clock input to two banks of four outputs • Separate output enable for each output bank • External feedback (FBK) pin is used to synchronize the outputs to the clock input • Output Skew <200 ps • Low jitter <200 ps cycle-to-cycle • 1x, 2x, 4x output options (see table): – IDT23S08E-1 1x – IDT23S08E-2 1x, 2x – IDT23S08E-3 2x, 4x – IDT23S08E-4 2x – IDT23S08E-1H, -2H, and -5H for High Drive • No external RC network required • Operates at 3.3V VDD • Spread spectrum compatible • Available in SOIC and TSSOP packages FUNCTIONAL BLOCK DIAGRAM DESCRIPTION: The IDT23S08E is a high-speed phase-lock loop (PLL) clock multiplier. It isdesignedtoaddresshigh-speedclockdistributionandmultiplicationapplica- tions.Thezerodelayisachievedbyaligningthephasebetweentheincoming clock and the output clock, operable within the range of 10 to 200MHz. TheIDT23S08Ehastwobanksoffouroutputseachthatarecontrolledvia twoselectaddresses.Byproperselectionofinputaddresses,bothbankscan beputintri-statemode.Intestmode,thePLListurnedoff,andtheinputclock directly drives the outputs for system testing purposes. In the absence of an input clock, the IDT23S08E enters power down. In this mode, the device will drawlessthan12µAforCommercialTemperaturerangeandlessthan25µA forIndustrialtemperaturerange,andtheoutputsaretri-stated. The IDT23S08E is available in six unique configurations for both pre- scaling and multiplication of the Input REF Clock. (See available options table.) ThePLLisclosedexternallytoprovidemoreflexibilitybyallowingtheuser tocontrolthedelaybetweentheinputclockandtheoutputs. The IDT23S08E is characterized for both Industrial and Commercial operation. IDT23S08E 3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE PLL S1 2 14 15 3 CLKA1 CLKA2 CLKA3 CLKA4 6 10 11 CLKB1 CLKB2 CLKB3 CLKB4 9 FBK 16 Control Logic 7 8 1 REF S2 (-2, -3) (-3, -4) (-5) 2 2 2 |
Similar Part No. - 23S08E-5HPGG |
|
Similar Description - 23S08E-5HPGG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |