Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR106 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BFR106
Description  NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR106 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFR106 Datasheet HTML 1Page - Siemens Semiconductor Group BFR106 Datasheet HTML 2Page - Siemens Semiconductor Group BFR106 Datasheet HTML 3Page - Siemens Semiconductor Group BFR106 Datasheet HTML 4Page - Siemens Semiconductor Group BFR106 Datasheet HTML 5Page - Siemens Semiconductor Group BFR106 Datasheet HTML 6Page - Siemens Semiconductor Group BFR106 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Dec-11-1996
BFR 106
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
-
-
V
Collector-emitter cutoff current
VCE = 20 V, VBE = 0
ICES
-
-
100
µA
Collector-base cutoff current
VCB = 10 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 2 V, IC = 0
IEBO
-
-
10
µA
DC current gain
IC = 70 mA, VCE = 8 V
hFE
40
100
220
-


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFQ193NPN Silicon RF Transistor For low noise high-gain amplifiers up to 2GHz For linear broadband amplifiers 1 2 3 4 Siemens Semiconductor Group
BFR193NPN Silicon RF Transistor For low noise high-gain amplifiers up to 2GHz For linear broadband amplifiers 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP193NPN Silicon RF Transistor For low noise high-gain amplifiers up to 2GHz For linear broadband amplifiers 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR193WNPN Silicon RF Transistor For low noise high-gain amplifiers up to 2GHz For linear broadband amplifiers 1 2 3 4 5 MoreSiemens Semiconductor Group
BFG193NPN Silicon RF Transistor For low noise high-gain amplifiers up to 2GHz For linear broadband amplifiers 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP193WNPN Silicon RF Transistor For low noise high-gain amplifiers up to 2GHz For linear broadband amplifiers 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn