Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49FCT805APYGSOGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 49FCT805APYGSOGI
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

49FCT805APYGSOGI Datasheet(HTML) 2 Page - Integrated Device Technology

  49FCT805APYGSOGI Datasheet HTML 1Page - Integrated Device Technology 49FCT805APYGSOGI Datasheet HTML 2Page - Integrated Device Technology 49FCT805APYGSOGI Datasheet HTML 3Page - Integrated Device Technology 49FCT805APYGSOGI Datasheet HTML 4Page - Integrated Device Technology 49FCT805APYGSOGI Datasheet HTML 5Page - Integrated Device Technology 49FCT805APYGSOGI Datasheet HTML 6Page - Integrated Device Technology 49FCT805APYGSOGI Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
IDT49FCT805/A
FAST CMOSBUFFER/CLOCKDRIVER
VCCA
OA1
OA2
GNDA
(1)
INA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
OA3
OA4
OA5
OEA
VCC
OB1
GNDB
MON
INB
OB2
OB3
OB4
OB5
OEB
NC
NOTE:
1. Pin 8 is not internally connected on devices with a "K" prefix in the date code. On older
devices, pin 8 is internally connected to GND. To insure compatibility with all products,
pin 8 should be connected to GND at the board level.
PIN DESCRIPTION
Pin Names
Description
OEA
, OEB
3-StateOutputEnableInputs(ActiveLOW)
INA, INB
Clock Inputs
OAn, OBn
ClockOutputs
MON
MonitorOutput
FUNCTION TABLE(1)
Inputs
Outputs
OE
A
, OEB
INA, INB
OAn, OBn
MON
LLL
L
LH
H
H
HL
Z
L
HH
Z
H
NOTE:
1. H = HIGH
L = LOW
Z = High-Impedance
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VTERM(2)
TerminalVoltagewithRespecttoGND
–0.5 to +7
V
VTERM(3)
TerminalVoltagewithRespecttoGND
–0.5toVCC+0.5
V
TSTG
StorageTemperature
–65to+150
°C
IOUT
DCOutputCurrent
–60to+60
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Input and VCC terminals.
3. Output and I/O terminals.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
4.5
6
pF
COUT
OutputCapacitance
VOUT = 0V
5.5
8
pF
NOTE:
1. This parameter is measured at characterization but not tested.
PIN CONFIGURATION
SOIC/ SSOP
TOP VIEW


Similar Part No. - 49FCT805APYGSOGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT805 IDT-49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
49FCT805 IDT-49FCT805 Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
49FCT805 RENESAS-49FCT805 Datasheet
229Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
49FCT805BTD RENESAS-49FCT805BTD Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
49FCT805BTDB RENESAS-49FCT805BTDB Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results

Similar Description - 49FCT805APYGSOGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com