Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ82 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BFQ82
Description  NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ82 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFQ82 Datasheet HTML 1Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 2Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 3Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 4Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 5Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 6Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 7Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 8Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
AC Characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
Power gain
IC = 30 mA, VCE = 8 V, f = 1 GHz, Z0 = 50
IC = 30 mA, VCE = 8 V, f = 2 GHz, Z0 = 50
Gma1)
17
11
GHz
Transition frequency
IC = 5 mA, VCE = 8 V, f = 500 MHz
IC = 30 mA, VCE = 8 V, f = 500 MHz
fT
3.6
8
Collector-emitter capacitance
VCE = 10 V, VBE = vbe = 0, f = 1 MHz
Cce
0.4
Output capacitance
VCE = 10 V, VBE = vbe = 0, f = 1 MHz
Cobs
1.0
dB
Noise figure
IC = 5 mA, VCE = 8 V, f = 10 MHz, ZS = 75
IC = 30 mA, VCE = 8 V, f = 800 MHz, ZS = ZSopt
IC = 10 mA, VCE = 8 V, f = 2 GHz, ZS = ZSopt
F
0.7
1.6
2.3
pF
Collector-base capacitance
VCB = 10 V, VBE = vbe = 0, f = 1 MHz
Ccb
0.62
Input capacitance
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
Cibo
2.5
Transducer gain
IC = 30 mA, VCE = 8 V, f = 1 GHz, Z0 = 50
I S21e I 2
13.5
mV
Linear output voltage
two-tone intermodulation test
IC = 40 mA, VCE = 8 V, dIM = 60 dB,
f1 = 806 MHz, f2 = 810 MHz, ZS = ZL = 50
Vo1 = Vo2
280
dBm
Third order intercept point
IC = 40 mA, VCE = 8 V, f = 800 MHz
IP3
–32
1)
S21e
S12e
(k –
k 2–1)
BFQ 82


Similar Part No. - BFQ82

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
Vishay Siliconix
Vishay Siliconix
BFQ81 VISHAY-BFQ81 Datasheet
210Kb / 11P
   Silicon NPN Planar RF Transistor
BFQ81-GS08 VISHAY-BFQ81-GS08 Datasheet
210Kb / 11P
   Silicon NPN Planar RF Transistor
More results

Similar Description - BFQ82

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz