Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ82 Datasheet(PDF) 18 Page - Siemens Semiconductor Group

Part No. BFQ82
Description  NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ82 Datasheet(HTML) 18 Page - Siemens Semiconductor Group

Back Button BFQ82 Datasheet HTML 10Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 11Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 12Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 13Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 14Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 15Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 16Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 17Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 18Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Note:
The transistor is driven by 2 adjacent signals f1, f2 with equal output power levels Po for each
carrier.
The distance
dIM between Po and the third order intermodulation products PIM
(2f1 – f2 or 2f2 – f1) is:
dIM = Po – PIM
where Po = 10 log (V2o / (50
Ω · 1 mW)) (dBm)
and Vo = linear output voltage of each carrier.
The 3rd order intercept point IP3 will be found by extrapolation to the point where PIM would be
identical to Po:
IP3 (output) = Po + dIM/2.
Linear output voltages for other dIM (e.g. 50 dB) can be calculated thereby.
BFQ 82
Common Emitter Large Signal Parameters
Linear output voltage Vo = f (IC)
VCE = 8 V, dIM = 60 dB, f1 = 806 MHz,
f2 = 810 MHz, ZS = ZL = 50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BFQ29P NPN Silicon RF Transistor For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA. 1  2  3  4  5  More Siemens Semiconductor Group
BFS482 NPN Silicon RF Transistor For low-noise high-gain broadband amplifiers at collector currents from 1mA to 20mA. 1  2  3  4  5  More Siemens Semiconductor Group
BFP181 NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP181R NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP181W NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP81 NPN Silicon RF Transistor For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA. 1  2  3  4  5  More Siemens Semiconductor Group
BFR181 NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP182 NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1  2  3  4  5  More Siemens Semiconductor Group
BFR181W NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP182R NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn