Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ82 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BFQ82
Description  NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ82 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFQ82 Datasheet HTML 1Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 2Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 3Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 4Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 5Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 6Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 7Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 8Page - Siemens Semiconductor Group BFQ82 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NPN Silicon RF Transistor
BFQ 82
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings
Type
Marking
Package1)
Pin Configuration
BFQ 82
Q62702-F1189
82
Cerec-X
1
2
3
4
B
E
C
E
Ordering Code
(tape and reel)
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
12
V
Emitter-base voltage
VEB0
2
Collector current
IC
80
mA
Collector-base voltage
VCB0
20
Base current
IB
10
Junction temperature
Tj
175
˚C
Ambient temperature range
TA
– 65 … + 175
Total power dissipation, TS
95 ˚C3)
Ptot
500
mW
Storage temperature range
Tstg
– 65 … + 175
Thermal Resistance
Junction - ambient2)
Rth JA
240
K/W
Junction - case3)
Rth JS
160
Collector-emitter voltage, VBE = 0
VCES
20
Peak collector current, f
10 MHz
ICM
80
Peak base current, f
10 MHz
IBM
10
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
3)
TS is measured on the collector lead at the soldering point to the pcb.
q
For low-noise, high-gain amplifiers up to 2 GHz.
q
Linear broadband applications at collector currents
up to 40 mA.
q
Hermetically sealed ceramic package.
q fT = 8 GHz
F = 1.1 dB at 800 MHz


Similar Part No. - BFQ82

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
Vishay Siliconix
Vishay Siliconix
BFQ81 VISHAY-BFQ81 Datasheet
210Kb / 11P
   Silicon NPN Planar RF Transistor
BFQ81-GS08 VISHAY-BFQ81-GS08 Datasheet
210Kb / 11P
   Silicon NPN Planar RF Transistor
More results

Similar Description - BFQ82

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz