Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BFQ76 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BFQ76
Description  PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFQ76 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Total power dissipation Ptot = f (TA*; TS)
*Package mounted on alumina
Collector-base capacitance Ccb = f (VCB)
VBE = vbe = 0, f = 1 MHz
Transition frequency fT = f (IC)
VCE = 10 V, f = 200 MHz
BFQ 76


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFQ75PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA. 1 2 3 Siemens Semiconductor Group
BFR93PNPN Silicon RF Transistor For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ29PNPN Silicon RF Transistor For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ71NPN Silicon RF Transistor For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ72NPN Silicon RF Transistor For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP194PNP Silicon RF Transistor For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents 1 2 3 4 5 MoreSiemens Semiconductor Group
BFT93PNP Silicon RF Transistor For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFT92PNP Silicon RF Transistor For broadband amplifiers up to 2GHz at collector currents up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFT92WPNP Silicon RF Transistor For broadband amplifiers up to 2GHz at collector currents up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ82NPN Silicon RF Transistor For low-noise high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn