Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V2310PGGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5V2310PGGI
Description  2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V2310PGGI Datasheet(HTML) 1 Page - Integrated Device Technology

  5V2310PGGI Datasheet HTML 1Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 2Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 3Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 4Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 5Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 6Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 7Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 8Page - Integrated Device Technology 5V2310PGGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT5V2310
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
MAY 2010
2004
Integrated Device Technology, Inc.
DSC 6173/25
c
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• High performance 1:10 clock driver for general purpose
applications
• Operates up to 200MHz at VDD = 3.3V
• Pin-to-pin skew < 100ps
•VDD range: 2.3V to 3.6V
• Output enable glitch suppression
• Distributes one clock input to two banks of five outputs
•25
Ω on-chip series dampening resistors
• Available in TSSOP and VFQFPN packages
FUNCTIONAL BLOCK DIAGRAM
IDT5V2310
2.5V TO 3.3V HIGH
PERFORMANCE CLOCK
BUFFER
DESCRIPTION:
The IDT5V2310 is a high performance, low skew clock buffer that
operates up to 200MHz. Two banks of five outputs each provide low skew
copies of CLK. Through the use of control pins 1G and 2G, the outputs of
banks 1Y(0:4) and 2Y(0:4) can be placed in a low state regardless of CLK
input. The device operates in 2.5V and 3.3V environments. The built-in
output enable glitch suppression ensures a synchronized output enable
sequence to distribute full period clock signals.
The IDT5V2310 is characterized for operation from -40°C to +85°C.
25
3
1
Y0
25
4
1
Y1
25
5
1
Y2
25
8
1
Y3
25
9
1
Y4
LOGIC CONTROL
1G
11
25
12
2
Y4
25
16
2
Y3
25
17
2
Y2
25
20
2
Y1
25
21
2
Y0
LOGIC CONTROL
2G
13
CLK
24


Similar Part No. - 5V2310PGGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V2310PGGI RENESAS-5V2310PGGI Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
More results

Similar Description - 5V2310PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com