Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ75 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BFQ75
Description  PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFQ75 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BFQ 75
BFQ 75
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CE0
12
µA
Emitter-base cutoff current
VEB = 2 V, IC = 0
IEB0
––10
DC current gain
IC = 30 mA, VCE = 5 V
hFE
20
50
nA
Collector-base cutoff current
VCB = 5 V, IE = 0
ICB0
––50
AC Characteristics
Power gain
IC = 30 mA, VCE = 8 V, f = 800 MHz,
ZS = ZSopt, ZL = ZLopt
Gpe
–14
GHz
Transition frequency
IC = 30 mA, VCE = 5 V, f = 500 MHz
fT
–5–
Output capacitance
VCE = 10 V, VBE = vbe = 0, f = 1 MHz
Cobs
1.1
dB
Noise figure
IC = 10 mA, VCE = 8 V, f = 10 MHz, ZS = 50
IC = 10 mA, VCE = 8 V, f = 800 MHz, ZS = 50
F
2.2
3
pF
Collector-base capacitance
VCB = 10 V, VBE = vbe = 0, f = 1 MHz
Ccb
0.75
Input capacitance
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
Cibo
1.6


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR93PNPN Silicon RF Transistor For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ29PNPN Silicon RF Transistor For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ71NPN Silicon RF Transistor For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ72NPN Silicon RF Transistor For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ76PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents up to 20 mA. 1 2 3 4 Siemens Semiconductor Group
BFT93PNP Silicon RF Transistor For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP194PNP Silicon RF Transistor For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92PNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn