Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BFQ75 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BFQ75
Description  PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFQ75 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP Silicon RF Transistor
BFQ 75
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings
Type
Marking
Package1)
Pin Configuration
BFQ 75
Q62702-F803
75
Cerec-X
1
2
3
4
B
E
C
E
Ordering Code
(tape and reel)
Thermal Resistance
Junction - ambient2)
Rth JA
260
K/W
Junction - soldering point3)
Rth JS
180
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
12
V
Emitter-base voltage
VEB0
2
Collector current
IC
50
mA
Collector-base voltage
VCB0
15
Junction temperature
Tj
175
˚C
Ambient temperature range
TA
– 65 … + 175
Total power dissipation, TS
112 ˚C3)
Ptot
350
mW
Storage temperature range
Tstg
– 65 … + 175
Collector-emitter voltage, VBE = 0
VCES
1
1)
For detailed dimensions see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
3)
TS is measured on the collector lead at the soldering point to the pcb.
q
For broadband amplifiers up to 2 GHz
at collector currents from 5 mA to 30 mA.
q
Complementary type: BFQ 72 (NPN).


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR93PNPN Silicon RF Transistor For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ29PNPN Silicon RF Transistor For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ71NPN Silicon RF Transistor For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ72NPN Silicon RF Transistor For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ76PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents up to 20 mA. 1 2 3 4 Siemens Semiconductor Group
BFT93PNP Silicon RF Transistor For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP194PNP Silicon RF Transistor For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92PNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn