Electronic Components Datasheet Search |
|
IDT5V19EE904 Datasheet(PDF) 10 Page - Integrated Device Technology |
|
IDT5V19EE904 Datasheet(HTML) 10 Page - Integrated Device Technology |
10 / 29 page IDT5V19EE904 EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR CLOCK SYNTHESIZER IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR 10 IDT5V19EE904 REV G 022310 Spread Spectrum Generation (PLL3) PLL3 support spread spectrum generation capability, which users have the option of turning on and off. Spread spectrum profile, frequency, and spread are fully programmable (within limits). The technique is different from that used in PLL0. The programmable spread spectrum generation parameters are SS_D3[7:0], SSVCO[15:0], SSENB, IP3[4:0] and RZ3[3:0] bits. These bits are in the memory address range of 0x4C to 0x85 for PLL3. The spread spectrum generation on PLL3 can be enabled/disabled using the SSENB bit. To enable spread spectrum, set SSENB = '1'. For Spread Enabled: Spread spectrum is configured using SS_D3(spread spectrum reference divide) and SSVCO (spread spectrum loop feedback counter). SS is the total Spread Spectrum amount (I.e. center spread +0.5% has a total spread of 1.0% and down spread -0.5% has a total spread of 0.5%.) Loop Filter The loop filter for each PLL can be programmed to optimize the jitter performance. The low-pass frequency response of the PLL is the mechanism that dictates the jitter transfer characteristics. The loop bandwidth can be extracted from the jitter transfer. A narrow loop bandwidth is good for jitter attenuation while a wide loop bandwidth is best for low-jitter frequency generation. The specific loop filter components that can be programmed are the resistor via the RZ[3:0] bits, zero capacitor via the CZ bit (for PLL0, PLL1 and PLL2), and the charge pump current via the IP[2:0] bits (for PLL0, PLL1 and PLL2) or IP[3:0] (for PLL3). The following equations govern how the loop filter is set for PLL0 - PLL2: Resistor (Rz) = (RZ[0] + 2* RZ[1]+4* RZ[2] + 8* RZ[3])* 4.0 kOhm Zero capacitor (Cz) = 196 pF + CZ* 217 pF Pole capacitor (Cp) = 15 pF Charge pump (Ip) = 6 * (IP[0] + 2*IP[1]+4*IP[2]) uA VCO gain (KVCO) = 900 MHz/V * 2 π The following equations govern how the loop filter is set for PLL3: For Non-Spread Spectrum Operation: For Spread Spectrum Operation: Zero capacitor (Cz) = 250 pF Pole capacitor (Cp) = 15 pF For Non-Spread Spectrum Operation: For Spread Spectrum Operation: VCO gain (KVCO) = 900 MHz/V * 2 π = SS_D3 (Eq. 10) F IN 4 * F MOD SSVCO = F VCO F MOD [0.5 * * (Eq. 11) ( 1 + SS/400) + 5] Resistor(Rz)= (12.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3])) * RZ[0] +6*(1 – RZ[0]) kOhms (Eq. 12) Resistor(Rz)= (62.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3])) * RZ[0] +6*(1 – RZ[0]) kOhms (Eq. 13) Charge pump(Ip) = 24* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2])) A (Eq. 14) 3+(5* IP[3]) +(11* IP[4]) Charge pump(Ip) = 12* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2])) A (Eq. 14) 27+(5* IP[3]) +(11* IP[4]) |
Similar Part No. - IDT5V19EE904 |
|
Similar Description - IDT5V19EE904 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |