Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9306NLI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5T9306NLI
Description  2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9306NLI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5T9306NLI Datasheet HTML 1Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 2Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 3Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 4Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 5Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 6Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 7Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 8Page - Integrated Device Technology IDT5T9306NLI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IDT/ ICSLVDS CLOCK BUFFER TERABUFFER™ II
3
IDT5T9306 REV. B APRIL 15, 2008
IDT5T9306
2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER™ II
Symbol
Description
Max
Unit
VDD
Power Supply Voltage
–0.5 to +3.6
V
VI
Input Voltage
–0.5 to +3.6
V
VO
Output Voltage(2)
–0.5 to VDD +0.5
V
TSTG
Storage Temperature
–65 to +150
° C
TJ
Junction Temperature
150
° C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Not to exceed 3.6V.
Symbol
Parameter
Min
Typ.
Max.
Unit
CIN
Input Capacitance
——
3pF
CAPACITANCE(1) (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested
Symbol
Description
Min.
Typ.
Max.
Unit
TA
AmbientOperatingTemperature
–40
+25
+85
° C
VDD
Internal Power Supply Voltage
2.3
2.5
2.7
V
RECOMMENDED OPERATING RANGE
PIN DESCRIPTION
Symbol
I/O
Type
Description
A[1:2]
I
Adjustable(1,4)
Clock input. A[1:2] is the "true" side of the differential clock input.
A[1:2]
I
Adjustable(1,4)
Complementary clock inputs. A[1:2] is the complementary side of A[1:2]. For LVTTL single-ended operation, A[1:2] should be set to the
desired toggle voltage for A[1:2]:
3.3V LVTTL VREF = 1650mV
2.5V LVTTL VREF = 1250mV
G
I
LVTTL
Gate control for differential outputs Q1 and Q1 through Q6 and Q6. When Gis LOW, the differential outputs are active. When Gis
HIGH, the differential outputs are asynchronously driven to the level designated by GL(2).
GL
I
LVTTL
Specifies output disable level. If HIGH, "true" outputs disable HIGH and "complementary" outputs disable LOW. If LOW, "true"
outputs disable LOW and "complementary" outputs disable HIGH.
Qn
O
LVDS
Clock outputs
Qn
O
LVDS
Complementary clock outputs
SEL
I
LVTTL
Reference clock select. When LOW, selects A2 and A2. When HIGH, selects A1 and A1.
PD
I
LVTTL
Power-down control. Shuts off entire chip. If LOW, the device goes into low power mode. Inputs and outputs are disabled. Both
"true" and "complementary" outputs will pull to VDD. Set HIGH for normal operation.(3)
VDD
PWR
Power supply for the device core and inputs
GND
PWR
Power supply return for all power
N C
No connect; recommended to connect to GND
NOTES:
1. Inputs are capable of translating the following interface standards:
Single-ended 3.3V and 2.5V LVTTL levels
Differential HSTL and eHSTL levels
Differential LVEPECL (2.5V) and LVPECL (3.3V) levels
Differential LVDS levels
Differential CML levels
2. Because the gate controls are asynchronous, runt pulses are possible. It is the user's responsibility to either time the gate control signals to minimize the possibility of runt
pulses or be able to tolerate them in down stream circuitry.
3. It is recommended that the outputs be disabled before entering power-down mode. It is also recommended that the outputs remain disabled until the device completes power-
up after asserting PD.
4. The user must take precautions with any differential input interface standard being used in order to prevent instability when there is no input signal.


Similar Part No. - IDT5T9306NLI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9306NLI IDT-IDT5T9306NLI Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306NLI IDT-IDT5T9306NLI Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
More results

Similar Description - IDT5T9306NLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
   2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
Renesas Technology Corp
IDT5T9306 RENESAS-IDT5T9306 Datasheet
440Kb / 18P
   2.5V LVDS 1:6 Clock Buffer Terabuffer™ II
NOVEMBER 29, 2012
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT5T9316 IDT-IDT5T9316 Datasheet
95Kb / 12P
   2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
logo
Renesas Technology Corp
5T93GL06 RENESAS-5T93GL06 Datasheet
408Kb / 19P
   2.5V LVDS, 1:6 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com