Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9304PG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5T9304PG
Description  LVDS, 1:4 Clock Buffer Terabuffer?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9304PG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5T9304PG Datasheet HTML 1Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 2Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 3Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 4Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 5Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 6Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 7Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 8Page - Integrated Device Technology IDT5T9304PG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IDT5T9304 REVISION A JANUARY 21, 2010
5
©2010 Integrated Device Technology, Inc.
IDT5T9304 Data Sheet
2.5V LVDS, 1:4 CLOCK BUFFER TERABUFFER™
DC Electrical Characteristics
Table 4A. LVDS Power Supply DC Characteristics(1), VDD = 2.5V±0.2V, TA = 0°C to 70°C
NOTE 1. These power consumption characteristics are for all the valid input interfaces and cover the worst case conditions.
NOTE 2. The true input is held LOW and the complementary input is held HIGH.
Table 4B. LVCMOS/LVTTL DC Characteristics(1), VDD = 2.5V±0.2V, TA = 0°C to 70°C
NOTE 1. See Recommended Operating Range table.
NOTE 2. Typical values are at VDD = 2.5V, +25°C ambient.
NOTE 3. For A[1:2] single-ended operation, A[1:2] is tied to a DC reference voltage.
Table 4C. Differential DC Characteristics(1), VDD = 2.5V±0.2V, TA = 0°C to 70°C
NOTE 1. See Recommended Operating Range table.
NOTE 2. Typical values are at VDD = 2.5V, +25°C ambient.
NOTE 3. VDIF specifies the minimum input differential voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is
the "complement" input level. The DC differential voltage must be maintained to guarantee retaining the existing HIGH or LOW input. The AC
differential voltage must be achieved to guarantee switching to a new state.
NOTE 4. VCM specifies the maximum allowable range of (VTR + VCP) /2.
Symbol
Parameter
Test Conditions
Minimum
Typical(2)
Maximum
Units
IDDQ
Quiescent VDD Power Supply Current
VDD = Max.,
All Input Clocks = LOW(2);
Output enabled
240
mA
ITOT
Total Power VDD Supply Current
VDD = 2.7V;
FREFERENCE Clock = 450MHz
250
mA
IPD
Total Power Down Supply Current
PD = LOW
5
mA
Symbol
Parameter
Test Conditions
Minimum
Typical(2)
Maximum
Units
IIH
Input High Current
VDD = 2.7V
±5
µA
IIL
Input Low Current
VDD = 2.7V
±5
µA
VIK
Clamp Diode Voltage
VDD = 2.3V, IIN = -18mA
-0.7
-1.2
V
VIN
DC Input Voltage
-0.3
3.6
V
VIH
DC Input High Voltage
1.7
V
VIL
DC Input Low Voltage
0.7
V
VTHI
DC Input Threshold Crossing Voltage
VDD/2
V
VREF
Single-Ended Reference Voltage (3)
3.3V LVTTL
1.65
V
2.5V LVTTL
1.25
V
Symbol
Parameter
Test Conditions
Minimum
Typical(2)
Maximum
Units
IIH
Input High Current
VDD = 2.7V
±5
µA
IIL
Input Low Current
VDD = 2.7V
±5
µA
VIK
Clamp Diode Voltage
VDD = 2.3V, IIN = -18mA
-0.7
-1.2
V
VIN
DC Input Voltage
-0.3
3.6
V
VDIF
DC Differential Voltage(3)
0.1
V
VCM
DC Common Mode Input Voltage(4)
0.05
VDD
V


Similar Part No. - IDT5T9304PG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5T9302I RENESAS-IDT5T9302I Datasheet
387Kb / 16P
   2.5V LVDS, 1:2 Clock Buffer Terabuffer™II
2019
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
logo
Renesas Technology Corp
IDT5T9306 RENESAS-IDT5T9306 Datasheet
440Kb / 18P
   2.5V LVDS 1:6 Clock Buffer Terabuffer™ II
NOVEMBER 29, 2012
More results

Similar Description - IDT5T9304PG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5T9304I IDT-5T9304I Datasheet
153Kb / 17P
   LVDS, 1:4 Clock Buffer Terabuffer
5T9304 IDT-5T9304_15 Datasheet
180Kb / 16P
   LVDS, 1:4 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T9304I RENESAS-5T9304I Datasheet
349Kb / 18P
   LVDS, 1:4 Clock Buffer Terabuffer™
Mar 2020
5T9304 RENESAS-5T9304 Datasheet
375Kb / 17P
   LVDS, 1:4 Clock Buffer Terabuffer™
2019
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
   2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9316 IDT-IDT5T9316 Datasheet
95Kb / 12P
   2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
logo
Renesas Technology Corp
5T93GL04 RENESAS-5T93GL04 Datasheet
380Kb / 18P
   2.5V LVDS, 1:4 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com