Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9306 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT5T9306
Description  2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9306 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT5T9306_08 Datasheet HTML 6Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 7Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 8Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 9Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 10Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 11Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 12Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 13Page - Integrated Device Technology IDT5T9306_08 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IDT/ ICSLVDS CLOCK BUFFER TERABUFFER™ II
11
IDT5T9306 REV. B APRIL 15, 2008
IDT5T9306
2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER™ II
VDD
D.U.T.
A
A
Qn
Qn
Pulse
Generator
RL
RL
VOS
VOD
VDD/2
D.U.T.
A
A
Qn
Qn
Pulse
Generator
50
Ω
50
Ω
Z = 50
Ω
Z = 50
Ω
SCOPE
CL
-VDD/2
CL
Test Circuit for DC Outputs and Power Down Tests
Test Circuit for Propagation, Skew, and Gate Enable/Disable Timing
NOTES:
1. Specifications only apply to "Normal Operations" test condition. The TIA/EIA specification load is for reference only.
2. The scope inputs are assumed to have a 2pF load to ground. TIA/EIA - 644 specifies 5pF between the output pair. With CL = 8pF, this gives the test circuit appropriate 5pF equivalent
load.
LVDS OUTPUT TEST CONDITION
Symbol
VDD = 2.5V ± 0.2V
Unit
CL
0(1)
pF
8(1,2)
RL
50
Ω


Similar Part No. - IDT5T9306_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
More results

Similar Description - IDT5T9306_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
   2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
Renesas Technology Corp
IDT5T9306 RENESAS-IDT5T9306 Datasheet
440Kb / 18P
   2.5V LVDS 1:6 Clock Buffer Terabuffer™ II
NOVEMBER 29, 2012
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT5T9316 IDT-IDT5T9316 Datasheet
95Kb / 12P
   2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
logo
Renesas Technology Corp
5T93GL06 RENESAS-5T93GL06 Datasheet
408Kb / 19P
   2.5V LVDS, 1:6 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com