Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFQ74 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BFQ74
Description  NPN Silicon RF Transistor (For low-noise amplifiers in the GHz range, and broadband analog and digital applications)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ74 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFQ74 Datasheet HTML 1Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 2Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 3Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 4Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 5Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 6Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 7Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 8Page - Siemens Semiconductor Group BFQ74 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BFQ 74
BFQ 74
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CE0
16
µA
Emitter-base cutoff current
VEB = 2 V, IC = 0
IEB0
––10
DC current gain
IC = 5 mA, VCE = 10 V
IC = 15 mA, VCE = 10 V
hFE
50
50
110
120
250
nA
Collector-base cutoff current
VCB = 15 V, IE = 0
ICB0
––50
V
Collector-emitter saturation voltage
IC = 30 mA, IB = 3 mA
VCEsat
0.13
0.3
Base-emitter voltage
IC = 10 mA, VCE = 10 V
VBE
0.78
µA
Collector-emitter cutoff current
VCE = 25 V, VBE = 0
ICES
100


Similar Part No. - BFQ74

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ70 SIEMENS-BFQ70 Datasheet
339Kb / 14P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ73 SIEMENS-BFQ73 Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
More results

Similar Description - BFQ74

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
BFR35A SIEMENS-BFR35A Datasheet
91Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS AND HIGH-SPEED SWITCHING APPLICATIONS
BFP196 SIEMENS-BFP196 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFG196 SIEMENS-BFG196 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com