Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5P49EE801 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5P49EE801
Description  VERSACLOCK짰 LOW POWER CLOCK GENERATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5P49EE801 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5P49EE801 Datasheet HTML 1Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 2Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 3Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 4Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 5Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 6Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 7Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 8Page - Integrated Device Technology IDT5P49EE801 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
IDT5P49EE801
VERSACLOCK® LOW POWER CLOCK GENERATOR
EEPROM CLOCK GENERATOR
IDT™ VERSACLOCK® LOW POWER CLOCK GENERATOR
3
IDT5P49EE801 REV C 061810
Pin Assignment
Pin Descriptions
Pin Name
Pin #
I/O
Pin Type
Pin Description
OUT5
1
O
Adjustable
Configurable clock output 5. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
OUT4
2
O
Adjustable
Configurable clock output 4. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
OUT3
3
O
Adjustable
Configurable clock output 3. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
SEL0
4
I
LVTTL
Configuration select pin. Weak internal pull down resistor.
VDDO1
5
Power
Device power supply. Connect to 1.8 to 3.3V. Using register
settings, select output voltage levels for OUT0-OUT6. VDDO1
must be greater than or equal to both VDDO2 and VDDO3.
X132k
6
I
LVTTL
32kHz CRYSTAL_IN -- Reference crystal input
X232k
7
O
LVTTL
32kHz CRYSTAL_OUT -- Reference crystal feedback.
VDDx
8
Power
Crystal oscillator power supply. Connect to 1.8V. Use filtered
analog power supply if available.
GND
9
Power
Connect to Ground.
GND
10
Power
Connect to Ground.
VDD
11
Power
Device power supply. Connect to 1.8V.
VDDO2
12
Power
Device power supply. Connect to 1.8 to 3.3V. Using register
settings, select output voltage levels for OUT0-OUT6.
28 pin VFQFPN
(Top View)
16
15
11
14
13
12
10
9
17
18
OUT1
20
VDD
21
OUT0
22
VDDO3
SCLK
23
24
OUT6B
VDD
19
25
26
27
28
1
OUT5
2
OUT4
4
SEL0
3
OUT3
5
VDDO1
X1_32
6
7
X2_32
8


Similar Part No. - IDT5P49EE801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
More results

Similar Description - IDT5P49EE801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE602 IDT-IDT5P49EE602 Datasheet
443Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE502 IDT-IDT5P49EE502 Datasheet
241Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Pericom Semiconductor C...
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
   Low Power High Integration Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com