Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5P49EE602 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT5P49EE602
Description  VERSACLOCK짰 LOW POWER CLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5P49EE602 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT5P49EE602 Datasheet HTML 2Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 3Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 4Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 5Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 6Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 7Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 8Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 9Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
IDT5P49EE602
VERSACLOCK® LOW POWER CLOCK GENERATOR
EEPROM CLOCK GENERATOR
IDT™ VERSACLOCK® LOW POWER CLOCK GENERATOR
6
IDT5P49EE602 REV C 061110
SPREAD SPECTRUM GENERATION
(PLLB)
PLLB has spread spectrum generation capability, which
users have the option of turning on and off. Spread
spectrum profile, frequency, and spread are fully
programmable (within limits). The programmable spread
spectrum generation parameters are NC[10:0], MOD[12:0],
and NSS[10:0] bits. To enable spread spectrum, set
SSENB_B=0.
The spread spectrum circuitry was specifically developed to
accommodate video display applications. The spread
modulation frequency can be defined to exactly equal the
horizontal line frequency (HSYNC)
NC[10:0]
These bits are used to determine the number of pulses per
spread spectrum cycle. For video applications, NC is the
number of pixels on the horizontal display row (or integer
multiple of displayed pixels in a row). By matching the
spread period to the screen, no tearing or “shimmer” will be
apparent.
NC must be an even number to insure that the upward
spread transition has the same number of steps as the
downward spread transition.
For non-video applications, this can also be seen as the
number of clock cycles for a complete spread spectrum
period.
MOD[12:0]
These bits relate the VCO frequency to the target average
spread output frequency (FMID).
FMID = (FVCO) / 8
FMAX = FMID + (SS% * FMID)
FMIN = FMID - (SS% * FMID)
MOD = (FREF* NC) / (2 * FMID)
NSS[10:0]
These bits control the amplitude of the spread modulation.
NSS = (NC / 2) + (NC / 8) * (FMAX - FMIN) / FMID
Modulation frequency:
FMOD = FMID / NC (Eq. 11)
Video Example
FREF = 27 MHz, FOUT = 27 MHz, 640 pixels per line, center
spread of ±1%. Using FVCO=432MHz, find the necessary
spread spectrum register settings.
FMID = FVCO/8
NC = 640 (integer number of spread periods/screen)
MOD = (25MHz * 640)/(2 * 54MHz) = 160
NSS = (640/2)+(640/8)*(27.27MHz-26.73MHz)/27MHz =
321.
FMOD = 27MHz/640 = 11.8kHz.
Non-Video Example
FREF = 25MHz, FOUT = 27 MHz, 31.25kHz modulation rate,
center spread of ±1%. Find the necessary spread spectrum
register settings.
FMID = FVCO/ 8
FMOD = 31.25kHz = 50.625MHz/NC.
NC = 1620
MOD = (25MHz * 1620)/(2 * 50.625MHz) = 400
NSS = (1620/2)+(1620/8)*(27.27MHz-26.73MHz)/27MHz =
814.


Similar Part No. - IDT5P49EE602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE602 IDT-IDT5P49EE602 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5P49EE602 RENESAS-IDT5P49EE602 Datasheet
452Kb / 27P
   VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111814
logo
Integrated Device Techn...
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
More results

Similar Description - IDT5P49EE602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE801 IDT-IDT5P49EE801 Datasheet
465Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE502 IDT-IDT5P49EE502 Datasheet
241Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Pericom Semiconductor C...
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
   Low Power High Integration Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com