Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5P49EE602 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5P49EE602
Description  VERSACLOCK짰 LOW POWER CLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5P49EE602 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5P49EE602 Datasheet HTML 1Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 2Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 3Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 4Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 5Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 6Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 7Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 8Page - Integrated Device Technology IDT5P49EE602 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
IDT5P49EE602
VERSACLOCK® LOW POWER CLOCK GENERATOR
EEPROM CLOCK GENERATOR
IDT™ VERSACLOCK® LOW POWER CLOCK GENERATOR
4
IDT5P49EE602 REV C 061110
1) Outputs are user programmable to drive single-ended 1.8V/2.5V/3.3V LVTTL. Alway completely power up VDD and VDDx
prior to applying VDDO power.
2) Default configuration CLK1=Buffered MHz Reference output and CLK2=Buffered 32.768kHz output. All other outputs are
off.
GND
13
Power
Connect to Ground.
VDD
14
Power
Device power supply. Connect to 1.8V.
OUT0
15
O
Adjustable
Configurable clock output 0. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
VDDO3
16
Power
Device power supply. Connect to 1.8 to 3.3V. Using register
settings, select output voltage levels for OUT0/3/6/7/8/9.
VDDO3 must be equal or less than VDDO1.
SCLK
17
I
LVTTL
I2C clock.
OUT4B
18
O
Adjustable
Configurable clock output 4B. Single-ended or differential when
combined with OUT4A. Output voltage levels are controlled by
VDDO1.
OUT4A
19
O
Adjustable
Configurable clock output 4A. Single-ended or differential when
combined with OUT4B. Output voltage levels are controlled by
VDDO1.
SDA
20
I/O
Open Drain
Bidirectional I2C data.
VDD
21
Power
Device power supply. Connect to 18.V.
GND
22
Power
Connect to Ground.
XIN/ REF
23
I
LVTTL
MHz CRYSTAL_IN -- Reference crystal input or external
reference clock input.
XOUT
24
O
LVTTL
MHz CRYSTAL_OUT -- Reference crystal feedback.


Similar Part No. - IDT5P49EE602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE602 IDT-IDT5P49EE602 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5P49EE602 RENESAS-IDT5P49EE602 Datasheet
452Kb / 27P
   VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111814
logo
Integrated Device Techn...
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
More results

Similar Description - IDT5P49EE602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE801 IDT-IDT5P49EE801 Datasheet
465Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE502 IDT-IDT5P49EE502 Datasheet
241Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Pericom Semiconductor C...
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
   Low Power High Integration Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com