Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FG104DFLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FG104DFLFT
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG104DFLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9FG104DFLFT Datasheet HTML 1Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 2Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 3Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 4Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 5Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 6Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 7Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 8Page - Integrated Device Technology 9FG104DFLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICS9FG104D
IDT®
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1541C—12/16/10
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
DATASHEET
1
Description
The ICS9FG104D is a Frequency Timing Generator that provides 4
differential output pairs that are compliant to the Intel CK410
specification. It also provides support for PCI-Express and SATA.
The part synthesizes several output frequencies from either a
14.31818 Mhz crystal or a 25 MHz crystal. The device can also be
driven by a reference input clock instead of a crystal. It provides
outputs with cycle-to-cycle jitter of less than 50 ps and output-to-
output skew of less than 35 ps. The ICS9FG104D also provides a
copy of the reference clock. Frequency selection can be
accomplished via strap pins or SMBus control.
Key Specifications
Output cycle-to-cycle jitter < 50 ps
Output to output skew < 35 ps
+/-300 ppm frequency accuracy on output clocks
+/-50 ppm at any frequency w/spread off
Features/Benefits
Generates common frequencies from 14.318 MHz or
25 MHz
Crystal or reference input
4 - 0.7V current-mode differential output pairs
Supports Serial-ATA at 100 MHz
Two spread spectrum modes: 0 to -0.5 downspread
and +/-0.25% centerspread
Unused inputs may be disabled in either driven or Hi-Z
state for power management.
Functional Block Diagram
STOP
LOGIC
XIN/CLKIN
X2
DIF(3:0)
CONTROL
LOGIC
SPREAD
FS(2:0)
SDATA
SCLK
SEL14M_25M#
DIF_STOP#
PROGRAMMABLE
SPREAD PLL
4
IREF
2
OSC
R EF OU T


Similar Part No. - 9FG104DFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
More results

Similar Description - 9FG104DFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com