Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FG430AFLFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9FG430AFLFT
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430AFLFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9FG430AFLFT Datasheet HTML 2Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 3Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 4Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 5Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 6Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 7Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 8Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 9Page - Integrated Device Technology 9FG430AFLFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IDT® Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681C—08/26/10
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
6
Electrical Characteristics - Phase Jitter Parameters
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%, See Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
86
ps (p-p) 1,2,3,6
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
3
ps
(rms)
1,2,6
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
3.1
ps
(rms)
1,2,6
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
1
ps
(rms)
1,2,4,5,
6
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.5
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.3
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.2
ps
(rms)
1,5,6
1 Guaranteed by design and characterization, not 100% tested in production.
6 Applies to all differential outputs
Phase Jitter, QPI/SMI
2 See http://www.pcisig.com for complete specs
tjphQPI_SMI
tjphPCIeG2
Phase Jitter, PCI Express
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Subject to final radification by PCI SIG.
5 Calculated from Intel-supplied Clock Jitter Tool v 1.6.3
Electrical Characteristics - REF-14.318/25 MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
ppm
1
Clock period
Tperiod
14.318MHz output nominal
69.8413
ns
1,2
Clock period
Tperiod
25.000MHz output nominal
40
ns
1,2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
VOH @MIN = 1.0 V, VOH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
29
27
mA
1
Rise/Fall Time
trf1
VOL = 0.4 V, VOH = 2.4 V
0.5
0.8
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
VT = 1.5 V
250
400
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
0
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%, See Test Loads for loading
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818 or 25.00 MHz


Similar Part No. - 9FG430AFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG430AFLFT IDT-9FG430AFLFT Datasheet
195Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
More results

Similar Description - 9FG430AFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FG430 RENESAS-9FG430 Datasheet
333Kb / 19P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
04/04/17
logo
Integrated Device Techn...
9FG430 IDT-9FG430_17 Datasheet
195Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830_17 Datasheet
202Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG830 RENESAS-9FG830 Datasheet
341Kb / 20P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
2019
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
   12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
logo
Silicon Laboratories
SI53019-A02A SILABS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
logo
Integrated Device Techn...
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com