Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DB1933AKLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9DB1933AKLF
Description  Nineteen Output Differential Buffer for PCIe Gen3
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB1933AKLF Datasheet(HTML) 1 Page - Integrated Device Technology

  9DB1933AKLF Datasheet HTML 1Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 2Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 3Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 4Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 5Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 6Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 7Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 8Page - Integrated Device Technology 9DB1933AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
9DB1933
IDT® Nineteen Output Differential Buffer for PCIe Gen3
1676A—07/12/10
Nineteen Output Differential Buffer for PCIe Gen3
DATASHEET
1
General Description
Output Features
The 9DB1933 zero-delay buffer supports PCIe Gen3
requirements, while being backwards compatible to PCIe Gen2
and Gen1. The 9DB1933 is driven by a differential SRC output
pair from an IDT 932S421, 932SQ420, or equivalent, main
clock generator. It attenuates jitter on the input clock and has a
selectable PLL bandwidth to maximize performance in systems
with or without Spread-Spectrum clocking.
19 - 0.7V current mode differential HCSL output pairs
Functional Block Diagram
Key Specifications
Cycle-to-cycle jitter <50ps
Output-to-output skew < 150 ps
PCIe Gen3 phase jitter < 1.0ps RMS
Features/Benefits
8 Selectable SMBus Addresses/Mulitple devices can share
the same SMBus Segment
11 dedicated and 3 group OE# pins/Hardware control of the
outputs
PLL or bypass mode/PLL can dejitter incoming clock
Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL's
Spread Spectrum Compatible/tracks spreading input clock
for low EMI
SMBus Interface/unused outputs can be disabled
Supports undriven differential outputs in Power Down mode
for power management
Recommended Application
19 output PCIe Gen3 zero-delay/fanout buffer
DIF_IN
DIF_IN#
DIF(18:0)
HIGH_BW#
SMB_A2_PLLBYP#
SMBDAT
SMBCLK
CKPWRGD/PD#
19
IREF
OE(17_18)#
OE(15_16)#
OE(14:5)#,
OE_01234#
13
SMB_A0
SMB_A1
PLL
(SS Compatible)
Logic


Similar Part No. - 9DB1933AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB1933 RENESAS-9DB1933 Datasheet
329Kb / 18P
   Nineteen Output Differential Buffer for PCIe Gen3
07/12/10
More results

Similar Description - 9DB1933AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB1933 RENESAS-9DB1933 Datasheet
329Kb / 18P
   Nineteen Output Differential Buffer for PCIe Gen3
07/12/10
logo
Integrated Device Techn...
9DB233 IDT-9DB233 Datasheet
198Kb / 14P
   Two Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB233 RENESAS-9DB233 Datasheet
376Kb / 18P
   TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
9DB1233 RENESAS-9DB1233 Datasheet
495Kb / 18P
   12-Output Differential Buffer for PCIe Gen3
December 17, 2019
logo
Integrated Device Techn...
9DB633 IDT-9DB633 Datasheet
238Kb / 14P
   Six Output Differential Buffer for PCIe Gen3
9DB1233 IDT-9DB1233 Datasheet
187Kb / 15P
   Twelve Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB633 RENESAS-9DB633 Datasheet
332Kb / 15P
   Six Output Differential Buffer for PCIe Gen3
10/20/16
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
   12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com