Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DB1904BKLFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9DB1904BKLFT
Description  19 Output Differential Buffer for PCIe Gen2 and QPI
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB1904BKLFT Datasheet(HTML) 5 Page - Integrated Device Technology

  9DB1904BKLFT Datasheet HTML 1Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 2Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 3Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 4Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 5Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 6Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 7Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 8Page - Integrated Device Technology 9DB1904BKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IDT®
19 Output Differential Buffer for PCIe Gen2 and QPI
1607C—04/19/11
9DB1904B
19 Output Differential Buffer for PCIe Gen2 and QPI
5
Electrical Characteristics - Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Core Supply Voltage
VDDA
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
Electrical Characteristics - Clock Input Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage - DIF_IN
VIHDIF
Differential inputs
(single-ended measurement)
600
800
1150
mV
1
Input Low Voltage - DIF_IN
VILDIF
Differential inputs
(single-ended measurement)
VSS - 300
0
300
mV
1
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
300
1000
mV
1
Input Amplitude - DIF_IN
VSWING
Peak to Peak value
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
1
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1, 3
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through +/-75mV window centered around differential zero
3 Input duty cycle will directly impact output duty cycle in bypass mode. It has no impact in PLL mode.
Electrical Characteristics - Current Consumption
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDD3.3OP
VDD, All outputs active @100MHz
425
450
mA
1
IDD3.3AOP
VDDA, All outputs active @100MHz
35
45
mA
1
IDD3.3PD
VDD
20
25
mA
1
IDD3.3APD
VDDA
12
15
mA
1
1Guaranteed by design and characterization, not 100% tested in production. Zo = 100Ω
Powerdown Current
Operating Supply Current


Similar Part No. - 9DB1904BKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
More results

Similar Description - 9DB1904BKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
logo
Integrated Device Techn...
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901C IDT-9ZX21901C Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B Datasheet
192Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
ICS9ZX21901CKLFT IDT-ICS9ZX21901CKLFT Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
9DB1200C RENESAS-9DB1200C Datasheet
298Kb / 15P
   Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
8/15/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com