Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DB106BGILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9DB106BGILF
Description  Six Output Differential Buffer for PCIe Gen 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB106BGILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9DB106BGILF Datasheet HTML 6Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 7Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 8Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 9Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 10Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 11Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 12Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 13Page - Integrated Device Technology 9DB106BGILF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDT® Six Output Differential Buffer for PCIe Gen 2
9DB106
REV K 04/20/11
9DB106
Six Output Differential Buffer for PCIe Gen 2
10
SMBusTable: Device Control Register, READ/WRITE ADDRESS (D4/D5)
Pin #
Name
Control Function Type
0
1
PWD
Bit 7
SW_EN
Enables SMBus
Control of bits
(1:0)
RW
PLL controlled
by SMBus
registers
PLL controlled
by device pins
1
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
PLL BW #adjust
Selects PLL
Bandwidth
RW
Low BW
High BW
1
Bit 0
PLL Enable
Bypasses PLL for
board test
RW
PLL bypassed
(fan out mode)
PLL enabled
(ZDB mode)
1
SMBusTable: Output Enable Register
Pin #
Name
Control Function Type
0
1
PWD
Bit 7
RW
X
Bit 6
RW
X
Bit 5
PCIEX5
Output Control
RW
Disable
Enable
1
Bit 4
RW
X
Bit 3
PCIEX3
Output Control
RW
Disable
Enable
1
Bit 2
PCIEX2
Output Control
RW
Disable
Enable
1
Bit 1
RW
X
Bit 0
PCIEX0
Output Control
RW
Disable
Enable
1
SMBusTable: Function Select Register
Pin #
Name
Control Function Type
0
1
PWD
Bit 7
RW
X
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
RW
X
Bit 0
RW
X
SMBusTable: Vendor & Revision ID Register
Pin #
Name
Control Function Type
0
1
PWD
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
-
RESERVED
-
RESERVED
-
RESERVED
-
VENDOR ID
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Byte 3
RESERVED
-
18,17
11,12
-
5,6
Byte 2
-
-
RESERVED
-
-
-
Byte 1
-
-
24,23
-
RESERVED
-
-
RESERVED
-
-
RESERVED
-
RESERVED
-
RESERVED
REVISION ID
-
RESERVED
Byte 0
-
-
RESERVED
-
RESERVED
RESERVED
-
RESERVED
-
-
RESERVED
-
RESERVED


Similar Part No. - 9DB106BGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
   Six Output Differential Buffer for PCIe Gen 2
05/24/12
More results

Similar Description - 9DB106BGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
   Six Output Differential Buffer for PCIe Gen 2
05/24/12
logo
Integrated Device Techn...
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
   Eight Output Differential Buffer for PCIe Gen 2
9DB633 IDT-9DB633 Datasheet
238Kb / 14P
   Six Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB633 RENESAS-9DB633 Datasheet
332Kb / 15P
   Six Output Differential Buffer for PCIe Gen3
10/20/16
logo
Integrated Device Techn...
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Integrated Device Techn...
ICS9DS400 IDT-ICS9DS400 Datasheet
316Kb / 19P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
logo
Renesas Technology Corp
9DS400 RENESAS-9DS400 Datasheet
462Kb / 20P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
09/17/09
logo
Integrated Device Techn...
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com