Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DB423BFLFT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9DB423BFLFT
Description  Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB423BFLFT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9DB423BFLFT Datasheet HTML 5Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 6Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 7Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 8Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 9Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 10Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 11Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 12Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
1437B - 02/04/10
9DB423B
Four Output Differential Buffer for PCIe for Gen 1, Gen 2 and QPI
9
Output Termination & Layout Information
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
1
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1
L3 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1
Rs
33
ohm
1
Rt
49.9
ohm
1
Down Device Differential Routing
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm differential trace.
2 min to 16 max
inch
1
L4 length, Route as coupled stripline 100 ohm differential trace.
1.8 min to 14.4 max
inch
1
Differential Routing to PCI Express Connector
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm differential trace.
0.25 to 14 max
inch
2
L4 length, Route as coupled stripline 100 ohm differential trace.
0.225 min to 12.6 max
inch
2
Rs
Rs
Rt
Rt
HSCL Output
Buffer
PCI Ex Board
Down Device
REF_CLK Input
L1
L2
L3’
L4
L1’
L2
L3
L4’
Rs
Rs
Rt
Rt
HSCL Output
Buffer
PCI Ex
Add In Board
REF_CLK Input
L1
L2
L3’
L4
L1’
L2’
L3
L4’
Figure 1. Down Device Differential Routing
Figure 2. Differential Routing to PCI Express Controller


Similar Part No. - 9DB423BFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB423BFLFT RENESAS-9DB423BFLFT Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
More results

Similar Description - 9DB423BFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Integrated Device Techn...
ICS9DS400 IDT-ICS9DS400 Datasheet
316Kb / 19P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
logo
Renesas Technology Corp
9DS400 RENESAS-9DS400 Datasheet
462Kb / 20P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
09/17/09
logo
Integrated Device Techn...
9DB106 IDT-9DB106 Datasheet
193Kb / 14P
   Six Output Differential Buffer for PCIe Gen 2
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
   Eight Output Differential Buffer for PCIe Gen 2
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
   Six Output Differential Buffer for PCIe Gen 2
05/24/12
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
   Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
   Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
logo
Renesas Technology Corp
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com