Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DB233AFILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9DB233AFILF
Description  Two Output Differential Buffer for PCIe Gen3
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9DB233AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 9Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 10Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 11Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 12Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 13Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
10
Datasheet
SMB us Table: Device C ontrol Register, READ/WRITE ADDRESS (D4/D5)
Pin #
Name
Control Function Type
0
1
Default
Bit 7
SW_EN
Enables SMBus
Control of bite 1
and 0
RW
PLL Functions
controlled by
SMBus
registers
PLL Functions
controlled by
device pins
1
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
PLL BW #adjust
Selects PLL
Bandwidth
RW
Low BW
High BW
1
Bit 0
PLL Enable
Bypasses PLL for
board test
RW
PLL bypassed
(fan out mode)
PLL enabled
(ZDB mode)
1
SMB us Table: Output Enable Register
Pin #
Name
Control Function Type
0
1
Default
Bit 7
RW
X
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
RW
X
Bit 0
RW
X
SMB us Table: Function Select Register
Pin #
Name
Control Function Type
0
1
Default
Bit 7
RW
X
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
RW
X
Bit 0
RW
X
SMB us Table: Vendor & Revision ID Register
Pin #
Name
Control Function Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
-
RESERVED
-
-
RESERVED
-
RESERVED
-
RESERVED
-
-
RESERVED
-
-
RESERVED
-
RESERVED
RESERVED
RESERVED
-
RESERVED
-
RESERVED
-
RESERVED
RESERVED
-
-
RESERVED
-
RESERVED
-
Byte 0
-
-
RESERVED
-
RESERVED
-
-
RESERVED
-
-
RESERVED
-
-
-
Byte 1
-
-
-
-
-
-
-
-
-
-
Byte 2
-
-
-
-
Byte 3
-
REVISION ID
-
-
-
VENDOR ID
-
-
-
-
RESERVED
-
RESERVED
-


Similar Part No. - 9DB233AFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DB233 ICST-9DB233 Datasheet
211Kb / 17P
   SMBus Interface; allows control of PLL BW and Mode
logo
Renesas Technology Corp
9DB233 RENESAS-9DB233 Datasheet
376Kb / 18P
   TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
More results

Similar Description - 9DB233AFILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB233 RENESAS-9DB233 Datasheet
376Kb / 18P
   TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
9DB1233 RENESAS-9DB1233 Datasheet
495Kb / 18P
   12-Output Differential Buffer for PCIe Gen3
December 17, 2019
logo
Integrated Device Techn...
9DB633 IDT-9DB633 Datasheet
238Kb / 14P
   Six Output Differential Buffer for PCIe Gen3
9DB1233 IDT-9DB1233 Datasheet
187Kb / 15P
   Twelve Output Differential Buffer for PCIe Gen3
9DB1933 IDT-9DB1933 Datasheet
186Kb / 17P
   Nineteen Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB1933 RENESAS-9DB1933 Datasheet
329Kb / 18P
   Nineteen Output Differential Buffer for PCIe Gen3
07/12/10
9DB633 RENESAS-9DB633 Datasheet
332Kb / 15P
   Six Output Differential Buffer for PCIe Gen3
10/20/16
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
   12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com