Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ70 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part No. BFQ70
Description  NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ70 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button BFQ70 Datasheet HTML 6Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 7Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 8Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 9Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 10Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 11Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 12Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 13Page - Siemens Semiconductor Group BFQ70 Datasheet HTML 14Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Common Emitter S Parameters (continued)
fS11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.2
0.3
0.4
0.6
0.8
1.0
1.2
1.5
1.8
2.0
2.5
3.0
0.73
0.67
0.63
0.62
0.60
0.60
0.61
0.61
0.61
0.62
0.64
0.65
0.68
– 50
– 89
– 114
– 132
– 153
– 167
– 177
175
165
157
152
141
130
22.77
17.57
13.44
10.84
7.56
5.75
4.62
3.90
3.15
2.62
2.37
1.94
1.65
151
129
115
105
92
83
76
70
60
52
47
35
24
0.021
0.034
0.041
0.045
0.051
0.057
0.062
0.068
0.078
0.089
0.096
0.117
0.138
65
52
43
41
39
40
41
43
44
44
44
44
41
0.89
0.71
0.57
0.49
0.39
0.35
0.32
0.30
0.29
0.28
0.27
0.25
0.25
– 21
– 34
– 41
– 44
– 45
– 46
– 47
– 48
– 51
– 56
– 61
– 73
– 88
IC = 10 mA, VCE = 6 V, Z0 = 50
S11, S22 = f (f)
IC = 10 mA, VCE = 6 V, Z0 = 50
S12, S21 = f (f)
IC = 10 mA, VCE = 6 V, Z0 = 50
BFQ 70


Similar Part No. - BFQ70

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ73 SIEMENS-BFQ73 Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFQ74 SIEMENS-BFQ74 Datasheet
398Kb / 14P
   NPN Silicon RF Transistor (For low-noise amplifiers in the GHz range, and broadband analog and digital applications)
More results

Similar Description - BFQ70

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182W SIEMENS-BFP182W Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFS482 SIEMENS-BFS482 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA.)
BFP182 SIEMENS-BFP182 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
BFP194 SIEMENS-BFP194 Datasheet
60Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents)
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz