Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ29P Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BFQ29P
Description  NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ29P Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button BFQ29P Datasheet HTML 2Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 3Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 4Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 5Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 6Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 7Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 8Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 9Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BFQ 29P
BFQ 29P
Circles of constant noise figure F = f (ZS)
in ZS-plane, IC = 5 mA, VCE = 6 V, f = 800 MHz
Noise figure F = f (IC)
VCE = 6 V, f = 800 MHz, ZLopt (G)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR93PNPN Silicon RF Transistor For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ70NPN Silicon RF Transistor For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ71NPN Silicon RF Transistor For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ72NPN Silicon RF Transistor For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP81NPN Silicon RF Transistor For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFS482NPN Silicon RF Transistor For low-noise high-gain broadband amplifiers at collector currents from 1mA to 20mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ75PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA. 1 2 3 Siemens Semiconductor Group
BFQ82NPN Silicon RF Transistor For low-noise high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92PNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn