Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ29P Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BFQ29P
Description  NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ29P Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BFQ29P Datasheet HTML 1Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 2Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 3Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 4Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 5Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 6Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 7Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 8Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BFQ 29P
BFQ 29P
Noise figure F = f (ZS)
VCE = 6 V, f = 10 MHz
Common Emitter Noise Parameters
f
Γopt
GHz
dB
dB
MAG
ANG
–dB
dB
Fmin
Gp(Fmin)
RN
NF50
Gp(F50)
IC = 3 mA, VCE = 6 V, Z0 = 50
0.01
0.85
(ZS = 130
Ω)
1.2
IC = 5 mA, VCE = 6 V, Z0 = 50
0.01
0.8
0.85
1.25
13
(ZS = 100
Ω)
93.5
11.1
0.20
1.1
1.45
14
0.25


Similar Part No. - BFQ29P

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
BFQ221 PHILIPS-BFQ221 Datasheet
42Kb / 5P
   NPN video transistor
1996 Sep 04
BFQ222 PHILIPS-BFQ222 Datasheet
46Kb / 6P
   NPN video transistor
1996 Sep 04
BFQ225 PHILIPS-BFQ225 Datasheet
45Kb / 6P
   NPN video transistor
1996 Sep 04
BFQ226 PHILIPS-BFQ226 Datasheet
46Kb / 6P
   NPN video transistor
1996 Sep 04
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
BFQ22S NJSEMI-BFQ22S Datasheet
68Kb / 1P
   TO-72
More results

Similar Description - BFQ29P

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz