Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114YUA Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # DTC114YUA
Description  DIGITAL TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

DTC114YUA Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  DTC114YUA Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. DTC114YUA Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITAL TRANSISTOR (NPN)
FEATURES
1.
Built-in bias resistors enable the configuration of an inverter circuit without
connecting external input resistors(see equivalent circuit).
2.
The bias resistors consist of thin-film resistors with complete isolation to allow
negative biasing of the input. They also have the advantage of almost completely
eliminating parasitic effects.
3.
Only the on/off conditions need to be set for operation, making device design easy.
PIN CONNENCTIONS AND MARKING
SOT-523
SOT-323
SOT-23
TO-92S
SOT-23
SOT-23-3L
DTC114YE
DTC114YUA
DTA114ECA
DTC114YCA
DTC114YKA
DTC114YSA
Addreviated symbol: 64
Addreviated symbol: 64
Addreviated symbol: 64
Addreviated symbol: 64
DTC114YE/DTC114YUA/DTC114YKA/DTC114YSA/DTC114YCA
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - DTC114YUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114YUA ROHM-DTC114YUA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
DTC114YUA ROHM-DTC114YUA Datasheet
554Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
DTC114YUA JIANGSU-DTC114YUA Datasheet
117Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTC114YUA TSC-DTC114YUA Datasheet
795Kb / 4P
   NPN Small Signal Transistor
logo
Micro Commercial Compon...
DTC114YUA MCC-DTC114YUA Datasheet
736Kb / 1P
   NPN Digital Transistors
More results

Similar Description - DTC114YUA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
   digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
   digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
   DIGITAL TRANSISTOR (NPNNPN)
logo
Unisonic Technologies
DTC114E UTC-DTC114E_15 Datasheet
199Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC123Y UTC-DTC123Y_15 Datasheet
160Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Weitron Technology
DTC114ECA WEITRON-DTC114ECA Datasheet
778Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC114ESA WEITRON-DTC114ESA Datasheet
470Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com