Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143TE Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # DTA143TE
Description  DIGITAL TRANSISTOR (PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

DTA143TE Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  DTA143TE Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. DTA143TE Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Equivalent circuit
FEATURES
1.
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external inputresistors(see equivalent circuit).
2.
The bias resistors consist of thin-film resistors with complete isolation
to allow
positive biasing of the input.They also have the advantage of
completely eliminating parasitic effects.
3.
Only the on/off conditions need to be set for operation, making device design easy.
PIN CONNENCTIONS AND MARKING
Addreviated symbol: 93
SOT-523
Addreviated symbol: 93
SOT-23-3L
SOT-23
SOT-323
TO-92S
DTA143TE
DTA143TUA
DTA114ECA
DTA143TCA
DTA143TKA
DTA143TSA
Addreviated symbol: 93
Addreviated symbol: 93
SOT-
723
DTA114ECA
DTA143T
M
Addreviated symbol: 93
DIGITAL TRANSISTOR (PNP)
almost
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
DTA143 TM/DTA143 TE/DTA143 TUA
DTA143 TKA/DTA143 TSA/DTA143 TCA


Similar Part No. - DTA143TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Galaxy Semi-Conductor H...
DTA143TE BILIN-DTA143TE Datasheet
98Kb / 3P
   Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA143TE JIANGSU-DTA143TE Datasheet
122Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20180419 - Rev.002
logo
Weitron Technology
DTA143TE WEITRON-DTA143TE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results

Similar Description - DTA143TE

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
   Digital Transistor(PNP)
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
   PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
   PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
   PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
   PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TCA MCC-DTA114TCA_13 Datasheet
223Kb / 3P
   PNP Digital Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com