Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR155 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # FR155
Description  Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

FR155 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  FR155 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd FR155 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C
10mm
10mm
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0
25
50
75 100 125 150 175
10mm
10mm
1
2
4 6
10
20
40
100
80
60
40
20
0
FR151 ...... FR157
大昌电子
DACHANG ELECTRONICS


Similar Part No. - FR155

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR155 WTE-FR155 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR155 YIXIN-FR155 Datasheet
252Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FR155 PFS-FR155 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Leshan Radio Company
FR155 LRC-FR155 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
logo
Rugao Dachang Electroni...
FR155 DACHANG-FR155 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - FR155

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
RGP15A DACHANG-RGP15A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RU3 DACHANG-RU3 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
FR301G DACHANG-FR301G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
FR201 DACHANG-FR201 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
FR501 DACHANG-FR501 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 5.0A
FR601 DACHANG-FR601 Datasheet
124Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 6.0A
FR101 DACHANG-FR101 Datasheet
124Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com