Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FR201G Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part No. FR201G
Description  Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DACHANG [Rugao Dachang Electronics Co., Ltd]
Homepage  http://www.dachang.com.cn
Logo 

FR201G Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
正向特性曲线(典型值)
正向电压
VF(V)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
FR201G ...... FR207G
SIYU R
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C
1
2
4 6
10
20
40
100
80
60
40
20
0
大昌电子
DACHANG ELECTRONICS
环境温度 Ta(
°C)
FORWARD CURRENT DERATING CURVE
Tamb, ambient temperature (°C)
正向电流降额曲线
10mm
10mm
2.6
2.4
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75 100 125 150 175
10mm
10mm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn