Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFP93A Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BFP93A
Description  NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP93A Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFP93A Datasheet HTML 1Page - Siemens Semiconductor Group BFP93A Datasheet HTML 2Page - Siemens Semiconductor Group BFP93A Datasheet HTML 3Page - Siemens Semiconductor Group BFP93A Datasheet HTML 4Page - Siemens Semiconductor Group BFP93A Datasheet HTML 5Page - Siemens Semiconductor Group BFP93A Datasheet HTML 6Page - Siemens Semiconductor Group BFP93A Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-16-1996
BFP 93A
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
8.6752
fA
VAF =
20.011
V
NE =
1.5466
-
VAR =
26.834
V
NC =
1.95
-
RBM =
3.4649
CJE =
3.1538
fF
TF =
33.388
ps
ITF =
2.5184
mA
VJC =
0.72744
V
TR =
1.1061
ns
MJS =
0-
XTI =
3-
BF =
137.63
-
IKF =
0.33395
A
BR =
59
-
IKR =
0.015129
A
RB =
7.2326
RE =
1.0075
VJE =
0.70393
V
XTF =
0.28319
-
PTF =
0
deg
MJC =
0.34565
-
CJS =
0
fF
XTB =
0
-
FC =
0.75935
-
NF =
0.93633
-
ISE =
2619.3
fA
NR =
0.88761
-
ISC =
0.70823
fA
IRB =
0.043806
mA
RC =
0.13193
MJE =
0.5071
-
VTF =
0.17765
V
CJC =
1039.5
fF
XCJC =
0.21422
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.89
nH
LBO =
0.73
nH
LEI =
0.4
nH
LEO =
0.5
nH
LCI =
0nH
LCO =
0.42
nH
CBE =
189
fF
CCB =
15
fF
CCE =
187
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFR93AWNPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR35APNPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA 1 2 3 Siemens Semiconductor Group
BFR92WNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 28 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP183WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFT93PNP Silicon RF Transistor For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn