Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFP81 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BFP81
Description  NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFP81 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-11-1996
BFP 81
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
V
22
V
R
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
pF
0.9
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
5
10
15
20
25
mA
35
I
C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
GHz
6.0
f
T
2V
1V
0.7V
5V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
20
25
mA
35
I
C
2
4
6
8
10
12
14
16
18
dB
22
G
10V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
20
25
mA
35
I
C
-2
0
2
4
6
8
10
dB
14
G
10V
5V
3V
2V
1V
0.7V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFQ29PNPN Silicon RF Transistor For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92PNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92WNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP93ANPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ70NPN Silicon RF Transistor For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ71NPN Silicon RF Transistor For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ72NPN Silicon RF Transistor For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFS481NPN Silicon RF Transistor For low-noise high-gain broadband amplifier at collector currents from 0.5 to 12 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn