Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFP420 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BFP420
Description  NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP420 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFP420 Datasheet HTML 1Page - Siemens Semiconductor Group BFP420 Datasheet HTML 2Page - Siemens Semiconductor Group BFP420 Datasheet HTML 3Page - Siemens Semiconductor Group BFP420 Datasheet HTML 4Page - Siemens Semiconductor Group BFP420 Datasheet HTML 5Page - Siemens Semiconductor Group BFP420 Datasheet HTML 6Page - Siemens Semiconductor Group BFP420 Datasheet HTML 7Page - Siemens Semiconductor Group BFP420 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BFP 420
Semiconductor Group
Jul-14-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
5
6.5
4.5
V(BR)CEO
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V
-
200
-
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
nA
-
35
µA
-
Emitter-base cutoff current
VEB = 1.5 V, IC = 0
IEBO
80
DC current gain
IC = 20 mA, VCE = 4 V
hFE
150
-
50
AC characteristics
Transition frequency
IC = 30 mA, VCE = 3 V, f = 2 GHz
fT
20
25
-
GHz
Collector-base capacitance
VCB = 2 V, f = 1 MHz
Ccb
-
0.15
0.24
pF
Collector-emitter capacitance
VCE = 2 V, f = 1 MHz
Cce
-
0.41
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.55
-
Noise figure
IC = 5 mA, VCE = 2 V, ZS = ZSopt ,
f = 1.8 GHz
F
-
1.05
1.4
dB
Power gain 1)
IC = 20 mA, VCE = 2 V, ZS = ZSopt , ZL = ZLopt ,
f = 1.8 GHz
Gms
-
20
-
Insertion power gain
IC = 20 mA, VCE = 2 V, f = 1.8 GHz,
ZS = ZL = 50Ω
|
S21|2
14
17
-
dB
Third order intersept point
IC = 20 mA, VCE = 2 V, ZS=ZSopt , ZL=ZLopt ,
f = 1.8 GHz
IP3
-
22
-
dBm
1dB Compression point
IC = 20 mA, VCE = 2 V, f = 1.8 GHz,
ZS=ZSopt , ZL=ZLopt
P-1dB
-
12
-
1)
Gms = |S21 / S12|
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFP520NPN Silicon RF Transistor For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
NTE65Silicon NPN Transistor High Voltage Low Noise for CATV MATV 1 2 NTE Electronics
NTE313Silicon NPN Transistor High Gain Low Noise VHF Mixer and VHF/RF Amp 1 2 NTE Electronics
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
NTE316Silicon NPN Transistor High Gain Low Noise Amp 1 2 NTE Electronics
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP93ANPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn